Electronic Components Datasheet Search
  English  ▼

X  

AD4696 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 1 Page - Analog Devices

  AD4696 Datasheet HTML 1Page - Analog Devices AD4696 Datasheet HTML 2Page - Analog Devices AD4696 Datasheet HTML 3Page - Analog Devices AD4696 Datasheet HTML 4Page - Analog Devices AD4696 Datasheet HTML 5Page - Analog Devices AD4696 Datasheet HTML 6Page - Analog Devices AD4696 Datasheet HTML 7Page - Analog Devices AD4696 Datasheet HTML 8Page - Analog Devices AD4696 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
16-Bit, 16-Channel, 500 kSPS/1 MSPS,
Easy Drive Multiplexed SAR ADCs
Data Sheet
AD4695/AD4696
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Easy Drive
Reduced analog input and reference drive requirements
Overvoltage clamp input current protection up to 5 mA on
each analog input
Long acquisition phase, ≥71.5% (715 ns/1000 ns)of cycle
time at 1 MSPS
High performance
Sample rate: 500 kSPS (AD4695) or 1 MSPS (AD4696)
INL: ±1 LSB maximum
Guaranteed 16-bit, no missing codes
SINAD: 93 dB typical, VREF = 5 V and fIN = 1 kHz
Oversampled dynamic range: 111.2 dB, OSR = 64
Small footprint, high channel density
32-lead 5 mm × 5 mm LFCSP
Easy Drive features support system level designs with
fewer components
Enhanced digital functionality
First conversion accurate, no latency or pipeline delay
Fast conversion time and dual-SDO mode allow low
SPI clock rates
Customizable channel sequencer
On-chip oversampling and decimation
Threshold detection alerts
Offset and gain correction
Autonomous conversion (autocycle) mode
SPI-/QPSI-/MICROWIRE-/DSP-compatible serial interface
Low power
8 mW at fS = 1 MSPS
4 mW at fS = 500 kSPS
4 µW standby power dissipation with the internal
LDO disabled
Internal LDO enables 3.15 V to 5.5 V, single analog supply
operation
1.14 V to 1.98 V logic interface
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Photodiode monitoring
Medical instrumentation
Vital signs monitoring
Electronic test and measurement
Automated test equipment
Instrumentation and process control
Battery-powered equipment
GENERAL DESCRIPTION
The AD4695/AD4696 are compact, high accuracy, low power,
16-channel, 16-bit, 500 kSPS/1 MSPS, multiplexed input
precision, successive approximation register (SAR) analog-to-
digital converters (ADCs) with Easy Drive features and
extensive digital functionality.
The AD4695/AD4696 are optimal for use in space constrained,
multichannel, precision data acquisition systems and monitoring
circuits. The AD4695/AD4696 feature a true 16-bit SAR ADC core
with no missing codes, a 16-channel, low crosstalk multiplexer, a
flexible channel sequencer, overvoltage protection clamp
circuits on each analog input, on-chip oversampling and
decimation, threshold detection and alert indicators, and an
autonomous conversion (autocycle) mode.
The AD4695/AD4696 Easy Drive features relax the drive
requirements of the analog front end (AFE) and reference
circuitry. Analog input high-Z mode and reference input
high-Z mode simplify system designs, reduce component
count, and increase channel density by removing the need for
dedicated high speed ADC drivers and reference buffers.
Input overvoltage protection clamps on each analog input
protect the AD4695/AD4696 from overvoltage events and
prevent overvoltage events on one channel from degrading
performance on other channels (see Figure 26).
Advanced digital functionality makes the AD4695/AD4696
compatible with a variety of low power digital hosts. The low
serial peripheral interface (SPI) clock rate requirements, on-chip
customizable channel sequencers, and oversampling and
decimation reduce the burden on the digital host system.
Autocycle mode and threshold detection features enable low
power, interrupt driven firmware design by performing
conversions autonomously and generating alerts based on
channel specific threshold limits.
The AD4695/AD4696 are available in a 5 mm × 5 mm 32-lead
lead frame chip scale package (LFCSP) with operation specified
from −40°C to +125°C.


Similar Part No. - AD4696

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4691 AD-AD4691 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCBZ-RL7 AD-AD4691BCBZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ AD-AD4691BCPZ Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ-RL7 AD-AD4691BCPZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4692 AD-AD4692 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
More results

Similar Description - AD4696

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4684 AD-AD4684 Datasheet
1Mb / 32P
1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com