Electronic Components Datasheet Search
  English  ▼

X  

AD4696 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4696 Datasheet HTML 19Page - Analog Devices AD4696 Datasheet HTML 20Page - Analog Devices AD4696 Datasheet HTML 21Page - Analog Devices AD4696 Datasheet HTML 22Page - Analog Devices AD4696 Datasheet HTML 23Page - Analog Devices AD4696 Datasheet HTML 24Page - Analog Devices AD4696 Datasheet HTML 25Page - Analog Devices AD4696 Datasheet HTML 26Page - Analog Devices AD4696 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Data Sheet
AD4695/AD4696
Rev. 0 | Page 23 of 96
TERMINOLOGY
Integral Nonlinearity Error (INL)
INL is the maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of the
transfer function are zero scale, a point ½ LSB below the first
code transition, and full scale, a point ½ LSB above the last code
transition.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. DNL is often specified
in terms of resolution for which no missing codes are guaranteed.
Offset Error
The offset error is the deviation of the measured transition
between −FSR and −FSR + 1 from the ideal transition, measured in
volts. The ideal transition between −FSR and −FSR + 1 occurs
at an analog input level ½ LSB above the IN− voltage (see the
Transfer Function section).
Offset Error Match
Offset error match is the difference in offset error between any
two input channels.
Gain Error
The gain error is the deviation of the measured transition between
+FSR − 1 and +FSR from the ideal transition, and is measured in
percentage of full scale (%FS). The ideal transition between +FSR −
1 and +FSR occurs for an analog input level 1½ LSB below the
nominal full scale (see the Transfer Function section).
Gain Error Match
Gain error match is the difference in gain error between any
two input channels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input and is related to SINAD by the following formula:
ENOB = (SINAD − 1.76)/6.02
ENOB is expressed in bits.
Noise Free Code Resolution
Noise free code resolution is the number of bits beyond which
it is impossible to distinctly resolve individual codes. To calculate
the resolution, use the following equation:
Noise Free Code Resolution = log2 (2N/Peak-to Peak-Noise)
Noise free code resolution is expressed in bits.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together.
The value for dynamic range is expressed in dB and is measured
with a signal at −60 dBFS to include all noise sources and DNL
artifacts.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in dB.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the measured ratio of signal-to-noise-and-distortion
at the output of the ADC. The signal is the rms amplitude of
the fundamental. Noise is the sum of all nonfundamental
signals up to half the sampling frequency (fS/2), excluding dc.
Channel to -Channel Memory
Channel to channel memory is a measure of the level of crosstalk
that occurs when switching between channels in a channel
sequence. It is measured by applying a full-scale, 100 kHz signal
to one analog input channel and a dc voltage on another analog
input channel, and repeatedly switching between the two channels
between each conversion. The channel-to-channel memory is
the magnitude at 100 kHz in the spectrum measured from the
dc channel data.
Channel to Channel Isolation
Channel to channel isolation is a measure of the level of crosstalk
from a signal on an inactive channel to an active channel. To
measure channel to channel isolation, apply a dc input to one
analog input channel and a full-scale, 100 kHz sine wave signal
to all other analog input channels and perform conversions
only on the dc input channel. The channel to channel isolation
is the magnitude at 100 kHz in the spectrum measured from
the dc channel data.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental
and is defined as

1
2
6
2
5
2
4
2
3
2
2
log
20
dB
V
V
V
V
V
V
THD
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonic.
Aperture Delay
Aperture delay is the measure of the acquisition performance.
Aperture delay is the time between the rising edge of the CNV
input and when the input signal is held for a conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com