Electronic Components Datasheet Search
  English  ▼

X  

AD4696 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4696 Datasheet HTML 15Page - Analog Devices AD4696 Datasheet HTML 16Page - Analog Devices AD4696 Datasheet HTML 17Page - Analog Devices AD4696 Datasheet HTML 18Page - Analog Devices AD4696 Datasheet HTML 19Page - Analog Devices AD4696 Datasheet HTML 20Page - Analog Devices AD4696 Datasheet HTML 21Page - Analog Devices AD4696 Datasheet HTML 22Page - Analog Devices AD4696 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
Data Sheet
AD4695/AD4696
Rev. 0 | Page 19 of 96
0.35
0
0
1000
SAMPLE RATE (kSPS)
0.05
0.10
0.15
0.20
0.25
0.30
100
200
300
400
500
600
700
800
900
REFERENCE INPUT HIGH-Z MODE DISABLED
REFERENCE INPUT HIGH-Z MODE ENABLED
Figure 39. Reference Input Current vs. Sample Rate, VREF = 5 V
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
0.35
0
0.05
0.10
0.15
0.20
0.25
0.30
REFERENCE INPUT HIGH-Z MODE DISABLED, 1MSPS
REFERENCE INPUT HIGH-Z MODE DISABLED, 500kSPS
REFERENCE INPUT HIGH-Z MODE ENABLED, 1MSPS
REFERENCE INPUT HIGH-Z MODE ENABLED, 500kSPS
Figure 40. Reference Input Current vs. Temperature, VREF = 5 V,
Frequency of CNV Signal (fCNV) = 1 MSPS
2.4
5.1
REFERENCE VOLTAGE (V)
0.35
0
0.05
0.10
0.15
0.20
0.25
0.30
REFERENCE INPUT HIGH-Z MODE DISABLED, 1MSPS
REFERENCE INPUT HIGH-Z MODE DISABLED, 500kSPS
REFERENCE INPUT HIGH-Z MODE ENABLED, 1MSPS
REFERENCE INPUT HIGH-Z MODE ENABLED, 500kSPS
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
Figure 41. Reference Input Current vs. Reference Voltage,
fS = 1 MSPS and 500 kSPS
400
0
1
17
NUMBER OF ACTIVE CLAMPS
50
100
150
200
250
300
350
3
5
7
9
11
13
15
OVERVOLTAGE REDUCED CURRENT MODE DISABLED
OVERVOLTAGE REDUCED CURRENT MODE ENABLED
Figure 42. Additional Reference Input Current vs. Number of Active
Clamps, Clamp Current = 5 mA, VREF = 5 V
6
–1
–0.5
2.0
TIME (ms)
0
1
2
3
4
5
0
0.5
1.0
1.5
LDO_IN
VDD (CVDD = 1µF)
VDD (CVDD = 10µF)
Figure 43. LDO_IN, VDD Voltage vs. Time,
CVDD is the VDD Decoupling Capacitance
14
0
0
250
DIGITAL OUTPUT LOAD CAPACITANCE (pF)
2
4
6
8
10
12
50
100
150
200
VIO = 1.2V
VIO = 1.8V
Figure 44. tDSDO vs. Digital Output Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com