Electronic Components Datasheet Search
  English  ▼

X  

AD4696 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4696
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4696 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4696 Datasheet HTML 4Page - Analog Devices AD4696 Datasheet HTML 5Page - Analog Devices AD4696 Datasheet HTML 6Page - Analog Devices AD4696 Datasheet HTML 7Page - Analog Devices AD4696 Datasheet HTML 8Page - Analog Devices AD4696 Datasheet HTML 9Page - Analog Devices AD4696 Datasheet HTML 10Page - Analog Devices AD4696 Datasheet HTML 11Page - Analog Devices AD4696 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 8 of 96
TIMING SPECIFICATIONS
AVDD= 3.15 V to 5.5 V, LDO_IN = 2.4 V to 5.5 V with internal LDO enabled, LDO_IN = AGND with internal LDO disabled, VDD =
1.71 V to 1.89 V with internal LDO disabled, VIO = 1.14 V to 1.98 V, AGND = REFGND = IOGND = 0 V, reference voltage (VREF) = 2.4 V
to 5.1 V, REF = VREF, fS = 1 MSPS for the AD4696, fS = 500 kSPS for the AD4695, digital output load capacitance = 20 pF, autocycle mode
disabled, no active overvoltage protection clamps, and TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time
tCONVERT
380
415
ns
Acquisition Time
tACQ
Two-Cycle Command Mode, Standard Sequencer, or Advanced Sequencer Enabled
fS = 1 MSPS
715
ns
fS = 500 kSPS
1715
ns
Single-Cycle Command Mode2 Enabled
CNV Period (Time Between Conversions)
tCYC
fS = 1 MSPS, Autocycle Mode Disabled
1000
ns
fS = 500 kSPS, Autocycle Mode Disabled
2000
ns
Autocycle Mode Enabled
AC_CYC = 0x0
8.5
10
11.5
μs
AC_CYC = 0x1
17
20
23
μs
AC_CYC = 0x2
34
40
46
μs
AC_CYC = 0x3
68
80
92
μs
AC_CYC = 0x4
85
100
115
μs
AC_CYC = 0x5
170
200
230
μs
AC_CYC = 0x6
340
400
460
μs
AC_CYC = 0x7
680
800
920
μs
CNV High Time
tCNVH
10
ns
CNV Low Time
tCNVL
80
ns
CS High Time
tCSBH
5
ns
CS Low to Digital Interface Ready Delay
tEN
15
ns
CS High to SDO High Impedance Delay
tCSBDIS
15
ns
SCK Period
tSCK
Register Configuration Mode
40
ns
Conversion Mode
12.5
ns
SCK Low Time
tSCKL
Register Configuration Mode
16
ns
Conversion Mode
5
ns
SCK High Time
tSCKH
Register Configuration Mode
16
ns
Conversion Mode
5
ns
SDI Data Setup Time Prior to SCK Rising Edge
tSSDI
2
ns
SDI Data Hold Time After SCK Rising Edge
tHSDI
2
ns
SCK Falling Edge to Data Remains Valid Delay
tHSDO
1.5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
10.5
ns
Last SCK Edge to CNV Rising Edge Delay
tSCKCNV
80
ns
Last SCK Rising Edge to CS Rising Edge Delay
tSCKCSB
1
ns
CNV Rising Edge to Busy Indicator Rising Edge (Busy Indicator Enabled on General-Purpose Pin)
tCNVBSY
20
ns
CNV Rising Edge to Alert Indicator Transition (Alert Indicator Enabled on General-Purpose Pin)
tCNVALT
425
ns
Busy Indicator Low Time, Autocycle Mode Enabled (Busy Indicator Enabled on General-Purpose Pin)
tACBSY
AC_CYC = 0x0
8
µs
AC_CYC = 0x1
16.5
µs
AC_CYC = 0x2
33.5
µs
AC_CYC = 0x3
67.5
µs
AC_CYC = 0x4
84.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com