Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 3Page - Texas Instruments TPS2521 Datasheet HTML 4Page - Texas Instruments TPS2521 Datasheet HTML 5Page - Texas Instruments TPS2521 Datasheet HTML 6Page - Texas Instruments TPS2521 Datasheet HTML 7Page - Texas Instruments TPS2521 Datasheet HTML 8Page - Texas Instruments TPS2521 Datasheet HTML 9Page - Texas Instruments TPS2521 Datasheet HTML 10Page - Texas Instruments TPS2521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7.5 Electrical Characteristics
(Test conditions unless otherwise noted) –40°C ≤ TJ ≤ 125°C, VIN = 5 V, OUT = Open, VEN/UVLO = 2 V, OVCSEL = Open, RILM
= 750 Ω , dVdT = Open, ITIMER = Open, PGTH = Open, PG = Open. All voltages referenced to GND.
Test
Parameter
Description
MIN
TYP
MAX
UNITS
INPUT SUPPLY (IN)
VUVP(R)
IN Supply UVP Rising Threshold
2.44
2.53
2.64
V
VUVP(F)
IN Supply UVP Falling Threshold
2.35
2.42
2.55
V
IQ(ON)
IN Supply Quiescent Current
411
593
µA
IQ(ON)
IN Supply Current during OVC
426
620
µA
IQ(ON)
IN Supply Quiescent Current during RCB, VOUT = VIN + 1 V
186
µA
IQ(OFF)
IN Supply OFF State Current (VSD(F) < VEN < VUVLO(F))
67
130
µA
ISD
IN Supply Shutdown Current (VEN < VSD(F))
1.62
28.7
µA
IINLKG(IRPP)
IN Supply Leakage Current (VIN = -14 V, VOUT = 0 V)
-3.7
µA
ON RESISTANCE (IN - OUT)
RON
VIN = 5 V, IOUT = 3 A, TJ = 25 ℃
31
mΩ
2.7 ≤ VIN ≤ 5.7 V, –40 ℃ ≤ TJ ≤ 125 ℃
50.2
mΩ
ENABLE/UNDERVOLTAGE LOCKOUT (EN/UVLO)
VUVLO(R)
EN/UVLO Rising Threshold
1.183
1.2
1.223
V
VUVLO(F)
EN/UVLO Falling Threshold
1.076
1.1
1.116
V
VSD(F)
EN/UVLO Falling Threshold for lowest shutdown current
0.45
0.73
V
IENLKG
EN/UVLO Leakage Current
-0.1
0.1
µA
OUTPUT VOLTAGE CLAMP (OUT)
VOVC
Overvoltage Clamp Threshold, OVCSEL = Shorted to GND
3.65
3.88
4.1
V
Overvoltage Clamp Threshold, OVCSEL = Open
5.25
5.74
6.2
V
VCLAMP
Output Voltage During Clamping, OVCSEL = Shorted to
GND, IOUT = 10 mA
3.2
3.82
4.2
V
Output Voltage During Clamping, OVCSEL = Open, IOUT =
10 mA
5
5.58
6.1
V
OVERCURRENT PROTECTION (OUT)
ILIM
Current Limit Threshold, RILM = 6.65 kΩ
0.425
0.5
0.575
A
Current Limit Threshold, RILM = 3.32 kΩ
0.85
1.0
1.15
A
Current Limit Threshold, RILM = 1.65 kΩ
1.8
2.02
2.2
A
Current Limit Threshold, RILM = 750 Ω
3.96
4.44
4.84
A
IFLT
Circuit Breaker Threshold, ILM Pin Open (Single point
failure)
0.1
A
Circuit Breaker Threshold, ILM Pin Short to GND (Single
point failure)
1.1
2.1
A
ISCGain
Scalable Fast Trip Threshold (ISC) : ILIM Ratio
201
%
IFT
Fixed Fast-trip Current Threshold
22
A
VFB
VOUT threshold to exit Current Limit Foldback
1.9
V
VINT
ITIMER pin internal pull-up voltage
2.3
2.52
2.72
V
OVERCURRENT FAULT TIMER (ITIMER)
IITIMER
ITIMER pin internal discharge current, IOUT > ILIM
1.2
1.81
2.5
µA
RITIMER
ITIMER pin internal pull-up resistance
15
kΩ
ΔVITIMER
ITIMER discharge voltage
1.28
1.51
1.74
V
OUTPUT LOAD CURRENT MONITOR (ILM)
www.ti.com
TPS2521
SLVSFX8 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com