Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 20Page - Texas Instruments TPS2521 Datasheet HTML 21Page - Texas Instruments TPS2521 Datasheet HTML 22Page - Texas Instruments TPS2521 Datasheet HTML 23Page - Texas Instruments TPS2521 Datasheet HTML 24Page - Texas Instruments TPS2521 Datasheet HTML 25Page - Texas Instruments TPS2521 Datasheet HTML 26Page - Texas Instruments TPS2521 Datasheet HTML 27Page - Texas Instruments TPS2521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
During fast voltage step at output (e.g. hot-plug), the fast comparator based reverse blocking mechanism
ensures minimum jump/glitch on the input rail.
VIN
VBUS
IIN
Figure 8-7. Reverse Current Blocking Performance During Fast Voltage Step at Output
During slow voltage ramp at output, the linear ORing based reverse blocking mechanism ensures there's no DC
current flow from OUT to IN, thereby avoiding input rail from getting slowly charged up to output voltage.
VIN
VBUS
IIN
Figure 8-8. Reverse Current Blocking Performance During Slow Voltage Ramp at Output
When the input supply droops or gets disconnected while the output storage element (capacitor bank or super
capacitor) is charged to the full voltage, the linear ORing scheme minimizes the self-discharge from OUT to IN.
This ensures maximum hold-up time for the output storage element in critical power back-up applications.
It also prevents incorrect supply presence indication in applications which sense the input voltage to detect if the
supply is connected.
VIN
VOUT
PG
Figure 8-9. Reverse Current Blocking Performance During Input Supply Failure
8.3.7 Overtemperature Protection (OTP)
The device monitors the internal die temperature (TJ) at all times and shuts down the part as soon as the
temperature exceeds a safe operating level (TSD) thereby protecting the device from damage. The device will
not turn back on until the junction cools down sufficiently, that is the die temperature falls below (TSD - TSDHYS).
When the TPS2521xL (latch-off variant) detects thermal overload, it will be shut down and remain latched-off
until the device is power cycled or re-enabled. When the TPS2521xA (auto-retry variant) detects thermal
overload, it will remain off until it has cooled down by TSDHYS. Thereafter, it will remain off for an additional
delay of tRST after which it will automatically retry to turn on if it is still enabled.
TPS2521
SLVSFX8 – MARCH 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com