Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 4Page - Texas Instruments TPS2521 Datasheet HTML 5Page - Texas Instruments TPS2521 Datasheet HTML 6Page - Texas Instruments TPS2521 Datasheet HTML 7Page - Texas Instruments TPS2521 Datasheet HTML 8Page - Texas Instruments TPS2521 Datasheet HTML 9Page - Texas Instruments TPS2521 Datasheet HTML 10Page - Texas Instruments TPS2521 Datasheet HTML 11Page - Texas Instruments TPS2521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
7.5 Electrical Characteristics (continued)
(Test conditions unless otherwise noted) –40°C ≤ TJ ≤ 125°C, VIN = 5 V, OUT = Open, VEN/UVLO = 2 V, OVCSEL = Open, RILM
= 750 Ω , dVdT = Open, ITIMER = Open, PGTH = Open, PG = Open. All voltages referenced to GND.
Test
Parameter
Description
MIN
TYP
MAX
UNITS
GIMON
Analog Load Current Monitor Gain (IMON : IOUT), IOUT = 0.5 A
to 1 A, IOUT < ILIM
165
182
200
µA/A
Analog Load Current Monitor Gain (IMON : IOUT), IOUT = 1 A to
4 A, IOUT < ILIM
165
182
200
µA/A
REVERSE CURRENT BLOCKING (IN - OUT)
VFWD
VIN - VOUT Forward regulation voltage, IOUT = 10 mA
5
17.4
mV
VREVTH
VIN - VOUT threshold for fast BFET turn off (enter reverse
current blocking)
-36.5
-29.1
-22.3
mV
VFWDTH
VIN - VOUT threshold for fast BFET turn on (exit reverse
current blocking)
83
102.2
125
mV
IOUTLKG(RCB)
OUT Leakage Current during ON state with RCB, VOUT =
VIN + 1 V
270
µA
IREVLKG(OFF)
Reverse Leakage Current during unpowered condition, VOUT
= 12 V, VIN = 0 V
4.8
µA
POWER GOOD INDICATION (PG)
VPGD
PG pin voltage while de-asserted, VIN < VUVP(F), VEN <
VSD(F), Weak pull-up (IPG = 26 µA)
0.67
1
V
PG pin voltage while de-asserted, VIN < VUVP(F), VEN <
VSD(F), Strong pull-up (IPG = 242 µA)
0.78
1
V
PG pin voltage while de-asserted, VIN > VUVP(R)
0
V
IPGLKG
PG Pin Leakage Current, PG asserted
0.9
3
µA
POWERGOOD THRESHOLD (PGTH)
VPGTH(R)
PGTH Rising Threshold
1.183
1.2
1.223
V
VPGTH(F)
PGTH Falling Threshold
1.076
1.09
1.116
V
IPGTHLKG
PGTH Leakage Current
-0.1
0.3
µA
OVERTEMPERATURE PROTECTION (OTP)
TSD
Thermal Shutdown Rising Threshold, TJ↑
154
°C
TSDHYS
Thermal Shutdown Hysteresis, TJ↓
10
°C
DVDT
IdVdt
dVdt Pin Charging Current
0.78
1.97
3.3
µA
TPS2521
SLVSFX8 – MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com