Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 9Page - Texas Instruments TPS2521 Datasheet HTML 10Page - Texas Instruments TPS2521 Datasheet HTML 11Page - Texas Instruments TPS2521 Datasheet HTML 12Page - Texas Instruments TPS2521 Datasheet HTML 13Page - Texas Instruments TPS2521 Datasheet HTML 14Page - Texas Instruments TPS2521 Datasheet HTML 15Page - Texas Instruments TPS2521 Datasheet HTML 16Page - Texas Instruments TPS2521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
7.8 Typical Characteristics (continued)
TA (
°C)
-40
-20
0
20
40
60
80
100
120
140
2.325
2.35
2.375
2.4
2.425
2.45
2.475
2.5
2.525
2.55
2.575
2.6
VIN (V)
2.7
5
Figure 7-26. ITIMER internal pull-up voltage vs Temperature
TA (
°C)
-40
-20
0
20
40
60
80
100
120
140
1.94
1.96
1.98
2
2.02
2.04
2.06
2.08
2.1
VIN (V)
2.7
5
Figure 7-27. DVDT Charging Current vs Temperature
Figure 7-28. PGTH Threshold vs Temperature
TA (
°C)
-40
-20
0
20
40
60
80
100
120
140
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
IPG (
μ
A)
26
242
Figure 7-29. PG low voltage without input supply vs
Temperature
Figure 7-30. Time to Thermal Shut-Down During Inrush State
Figure 7-31. Time to thermal Shut-Down During Steady State
VIN
VOUT
EN
IIN
VIN = 5 V, COUT = 220 μF, CdVdt = Open, VEN/UVLO stepped up
to 1.4 V
Figure 7-32. Start Up with Enable
VIN
VOUT
EN
IIN
VEN/UVLO = 1.5 V, COUT = 220 μF, CdVdt = Open, VIN ramped
up to 5 V
Figure 7-33. Start Up with Supply
www.ti.com
TPS2521
SLVSFX8 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com