Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 5Page - Texas Instruments TPS2521 Datasheet HTML 6Page - Texas Instruments TPS2521 Datasheet HTML 7Page - Texas Instruments TPS2521 Datasheet HTML 8Page - Texas Instruments TPS2521 Datasheet HTML 9Page - Texas Instruments TPS2521 Datasheet HTML 10Page - Texas Instruments TPS2521 Datasheet HTML 11Page - Texas Instruments TPS2521 Datasheet HTML 12Page - Texas Instruments TPS2521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tOVC
Overvoltage clamp response time
VIN > VOVC to VOUT↓
5
µs
tLIM
Current limit response time
IOUT > 1.2 x ILIM & ITIMER expired to IOUT
settling to within 5 % of ILIM
400
µs
tSC
Scalable fast-trip response time
IOUT > 3 x ILIM to IOUT↓
500
ns
tFT
Fixed fast-trip response time
IOUT > IFT to IOUT↓
500
ns
tRST
Auto-Retry Interval after fault (TPS25210A)
110
ms
tSWRCB
Reverse Current Blocking recovery time
(VIN - VOUT) > VFWDTH to VOUT ↑
50
µs
tRCB
Reverse Current Blocking comparator
response time
(VOUT - VIN) > 1.3 x VREVTH to BFET OFF
1
µs
tPGA
PG Assertion de-glitch
12
µs
tPGD
PG De-assertion de-glitch
12
µs
7.7 Switching Characteristics
The output rising slew rate is internally controlled and constant across the entire operating voltage range to ensure the
turn on timing is not affected by the load conditions. The rising slew rate can be adjusted by adding capacitance from
the dVdt pin to ground. As CdVdt is increased it will slow the rising slew rate (SR). See Slew Rate and Inrush Current
Control (dVdt) section for more details. The Turn-Off Delay and Fall Time, however, are dependent on the RC time constant
of the load capacitance (COUT) and Load Resistance (RL). The Switching Characteristics are only valid for the power-up
sequence where the supply is available in steady state condition and the load voltage is completely discharged before the
device is enabled.Typical Values are taken at TJ = 25°C unless specifically noted otherwise. VIN = 2.7 V, RL = 100 Ω, COUT =
1 µF
PARAMETER
CdVdt = Open
CdVdt = 1800 pF
CdVdt = 3300
pF
UNIT
SRON
Output Rising slew rate
12.14
0.87
0.5
V/ms
tD,ON
Turn on delay
0.09
0.6
0.97
ms
tR
Rise time
0.17
2.51
4.33
ms
tON
Turn on time
0.27
3.11
5.31
ms
tD,OFF
Turn off delay
64.44
64.44
64.44
µs
EN/UVLO
VEN/UVLO
0
Time
VUVLO(R)
OUT
VIN
0V
10%
90%
tD,OFF
tR
tON
SRON
tF
tD,ON
VUVLO(F)
Figure 7-1. TPS2521xx Switching Times
www.ti.com
TPS2521
SLVSFX8 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com