Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 17Page - Texas Instruments TPS2521 Datasheet HTML 18Page - Texas Instruments TPS2521 Datasheet HTML 19Page - Texas Instruments TPS2521 Datasheet HTML 20Page - Texas Instruments TPS2521 Datasheet HTML 21Page - Texas Instruments TPS2521 Datasheet HTML 22Page - Texas Instruments TPS2521 Datasheet HTML 23Page - Texas Instruments TPS2521 Datasheet HTML 24Page - Texas Instruments TPS2521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
IOUT
ILIM
0
Time
OUT
VIN
0
ITIMER
0
TJ
TSD
TJ
tITIMER
Transient Overcurrent
ITIMER expired
Persistent Output Overload
Thermal shutdown
TSDHYS
Current limiting
operation
PG
VPG
0
tLIM
PGTH
0
1.2 V
tPGD
ITIMER expired
Persistent Output Overload
Current limiting
operation
tLIM
tPGD
Overload Removed
tPGA
tITIMER
¨9ITIMER
2 x ILIM
VINT
Figure 8-3. TPS2521xx Active Current Limit Response
Note
1. Leave the ITIMER pin open to allow the part to limit the current with the minimum possible delay.
2. Shorting the ITIMER pin to ground results in minimum overcurrent response delay (similar
to ITIMER pin open condition), but increases the device current consumption. This is not a
recommended mode of operation.
3. Active current limiting based on RILM is active during startup. In case the startup current exceeds
ILIM, the device regulates the current to the set limit. However, during startup the current limit is
engaged without waiting for the ITIMER delay.
4. During overvoltage clamp condition, if an overcurrent event occurs, the current limit is engaged
without waiting for the ITIMER delay.
5. Increasing the CITIMER value extends the overcurrent blanking interval, but it also extends the
time needed for the CITIMER to recharge up to VINT. If the next overcurrent event occurs before
the CITIMER is recharged fully, it will take lesser time to discharge to the ITIMER expiry threshold,
thereby providing a shorter blanking interval than intended.
During active current limit, the output voltage will drop resulting in increased device power dissipation across the
HFET. If the device internal temperature (TJ) exceeds the thermal shutdown threshold (TSD), the HFET is turned
off. Once the part shuts down due to TSD fault, it would either stay latched off (TPS252x1L variant) or restart
automatically after a fixed delay (TPS2521xA variant). See Overtemperature Protection (OTP) for more details
on device response to overtemperature.
8.3.4.3 Short-Circuit Protection
During an output short-circuit event, the current through the device increases very rapidly. When a severe
overcurrent condition is detected, the device triggers a fast-trip response to limit the current to a safe level.
www.ti.com
TPS2521
SLVSFX8 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com