Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2521 Datasheet HTML 1Page - Texas Instruments TPS2521 Datasheet HTML 2Page - Texas Instruments TPS2521 Datasheet HTML 3Page - Texas Instruments TPS2521 Datasheet HTML 4Page - Texas Instruments TPS2521 Datasheet HTML 5Page - Texas Instruments TPS2521 Datasheet HTML 6Page - Texas Instruments TPS2521 Datasheet HTML 7Page - Texas Instruments TPS2521 Datasheet HTML 8Page - Texas Instruments TPS2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-mΩ True Reverse Current Blocking eFuse with Input
Reverse Polarity Protection
1 Features
• Wide operating input voltage range: 2.7 V to 5.7 V
• 28-V absolute maximum
• Withstands negative voltages up to – 15 V
• Integrated back-to-back FETs with low On-
Resistance: RON = 31 mΩ (typ)
• Ideal diode operation with true reverse current
blocking
• Fast overvoltage clamp (OVC) with pin-selectable
threshold (3.8 V, 5.7 V) with 5-μs (typ) response
time
• Overcurrent protection with load current monitor
output (ILM)
– Active current limit response
– Adjustable threshold (ILIM) 0.5 A - 4.44 A
• ±10% accuracy for ILIM > 1 A
– Adjustable transient blanking timer (ITIMER) to
allow peak currents up to 2 x ILIM
– Output load current monitor accuracy: ±6%
(IOUT ≥ 1 A)
• Fast-trip response for short-circuit protection
– 500-ns (typ) response time
– Adjustable (2 x ILIM) and fixed thresholds
• Active High Enable input with adjustable
undervoltage lockout threshold (UVLO)
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Power Good indication (PG) with adjustable
threshold (PGTH)
• IEC 62368 CB certification (pending)
• UL 2367 recognition (pending)
• Small footprint: QFN 2 mm × 2 mm, 0.45-mm pitch
2 Applications
• Adapter input protection
• Enterprise storage - RAID/HBA/SAN/eSSD
• USB PD port protection
• Server/PC motherboard/add-on cards
• Monitors/docks
3 Description
The TPS2521x family of eFuses is a highly integrated
circuit protection and power management solution
in a small package. The devices provide multiple
protection modes using very few external components
and are a robust defense against overloads,
short-circuits, voltage surges, reverse polarity and
excessive inrush current. With integrated back-to-
back FETs, reverse current flow from output to input is
blocked at all times, making the device well suited for
systems which need load side energy hold up storage
in case input power supply fails.
Output current limit level can be set with a single
external resistor. It is also possible to get an accurate
sense of the output load current by measuring the
voltage drop across the current limit resistor.
Applications
with
particular
inrush
current
requirements can set the output slew rate with a
single external capacitor. Loads are protected from
input overvoltage conditions by clamping the output to
a safe fixed maximum voltage (pin selectable).
The devices are available in a 2-mm × 2-mm,
10-pin HotRod QFN package for improved thermal
performance and reduced system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS2521xxRPW
QFN (10)
2 mm × 2 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TPS25210x
IN
OUT
EN/UVLO
ILM
dVdt
GND
VIN = 2.7 to 5.7 V
RILM
VOUT
COUT
OVCSEL
PGTH
PG
ITIMER
CDVDT
CITIMER
VLOGIC
Simplified Schematic
TPS2521
SLVSFX8 – MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2521 TI-TPS2521 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25210ARPWR TI-TPS25210ARPWR Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25210LRPWR TI-TPS25210LRPWR Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521XX TI-TPS2521XX Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521XXRPW TI-TPS2521XXRPW Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results

Similar Description - TPS2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
logo
Texas Instruments
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com