Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 16Page - Texas Instruments TPS2521 Datasheet HTML 17Page - Texas Instruments TPS2521 Datasheet HTML 18Page - Texas Instruments TPS2521 Datasheet HTML 19Page - Texas Instruments TPS2521 Datasheet HTML 20Page - Texas Instruments TPS2521 Datasheet HTML 21Page - Texas Instruments TPS2521 Datasheet HTML 22Page - Texas Instruments TPS2521 Datasheet HTML 23Page - Texas Instruments TPS2521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
The fastest output slew rate is achieved by leaving the dVdt pin open.
Note
For CdVdt > 10 nF, it's recommended to add a 100-Ω resistor in series with the capacitor on the dVdt
pin.
8.3.4.2 Active Current Limiting
The TPS2521xx responds to output overcurrent conditions by actively limiting the current after a user adjustable
transient fault blanking interval. When the load current exceeds the set overcurrent threshold (ILIM) set by the
ILM pin resistor (RILM), but stays lower than the short-circuit threshold (2 x ILIM), the device starts discharging the
ITIMER pin capacitor using an internal 1.8-μA pull-down current. If the load current drops below the overcurrent
threshold before the ITIMER capacitor (CITIMER) discharges by ΔVITIMER, the ITIMER is reset by pulling it up to
VINT internally and the current limit action is not engaged. This allows short load transient pulses to pass through
the device without getting current limited. If the overcurrent condition persists, the CITIMER continues to discharge
and once it discharges by ΔVITIMER, the current limit starts regulating the HFET to actively limit the current to
the set overcurrent threshold (ILIM). At the same time, the CITIMER is charged up to VINT again so that it is at its
default state before the next overcurrent event. This ensures the full blanking timer interval is provided for every
overcurrent event. Equation 4 can be used to calculate the RILM value for a desired overcurrent threshold.
RILM
:À; =
3334
ILIM
:A;
(4)
Note
1. Leaving the ILM pin Open sets the current limit to nearly zero and results in the part entering
current limit with the slightest amount of loading at the output.
2. The current limit circuit employs a foldback mechanism. The current limit threshold in the foldback
region (0 V < VOUT < VFB) is lower than the steady state current limit threshold (ILIM).
3. Shorting the ILM pin to ground at any point during normal operation is detected as a fault and the
part shuts down. There’s a minimum current (IFLT) which the part allows in this condition before
the pin short condition is detected.
The duration for which transients are allowed can be adjusted using an appropriate capacitor value from ITIMER
pin to ground. The CITIMER value needed to set the desired transient overcurrent blanking interval can be
calculated using Equation 5 below.
tITIMER (ms) =
¿VITIMER (V) x CITIMER (nF)
IITIMER (µA)
(5)
TPS2521
SLVSFX8 – MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com