Electronic Components Datasheet Search
  English  ▼

X  

TPS2521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2521
Description  TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2521 Datasheet HTML 18Page - Texas Instruments TPS2521 Datasheet HTML 19Page - Texas Instruments TPS2521 Datasheet HTML 20Page - Texas Instruments TPS2521 Datasheet HTML 21Page - Texas Instruments TPS2521 Datasheet HTML 22Page - Texas Instruments TPS2521 Datasheet HTML 23Page - Texas Instruments TPS2521 Datasheet HTML 24Page - Texas Instruments TPS2521 Datasheet HTML 25Page - Texas Instruments TPS2521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
The internal fast-trip comparator employs a scalable threshold (ISC) which is equal to 2 × ILIM. This enables the
user to adjust the fast-trip threshold rather than using a fixed threshold which can be too high for some low
current systems. The device also employs a fixed fast-trip threshold (IFT) to protect fast protection against hard
short-circuits during steady state. The fixed fast-trip threshold is higher than the maximum recommended user
adjustable scalable fast-trip threshold. Once the current exceeds ISC or IFT, the HFET is turned off completely
within tFT. Thereafter, the devices tries to turn the HFET back ON after a short de-glitch interval (30 μs) in a
current limited manner instead of a dVdt limited manner. This ensures that the HFET has a faster recovery after
a transient overcurrent event and minimizes the output voltage droop. However, if the fault is persistent, the
device will stay in current limit causing the junction temperature to rise and eventually enter thermal shutdown.
See Overtemperature Protection (OTP) section for details on the device response to overtemperature.
IOUT
ILIM
0
Time
OUT
VIN
0
PG
0
TJ
TSD
TSDHYS
tRST
Thermal Shutdown
IN
0
2 x ILIM
Transient Severe Overcurrent
Persistent Severe Overcurrent
Retry Timer Elapsed
(1)
Overcurrent Removed
tSC
tSC
Current Limited
Start-up
dVdt Limited
Start-up
VPG
(1) Applicable only for TPS25210A variant
tRST
Thermal Shutdown
Retry Timer Elapsed
(1)
Short-circuit Removed
tFT
dVdt Limited
Start-up
IFT
Output Hard Short-circuit to ground
tPGD
tPGD
tPGD
VIN
Figure 8-4. TPS2521xx Short-Circuit Response
8.3.5 Analog Load Current Monitor
The device allows the system to accurately monitor the output load current by providing an analog current sense
output on the ILM pin which is proportional to the current through the FET. The user can sense the voltage (VILM)
across the RILM to get a measure of the output load current.
IOUT (A) =
VILM (µV)
RILM :À; x GIMON (µA/A)
(6)
The waveform below shows the ILM signal response to a load step at the output.
TPS2521
SLVSFX8 – MARCH 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com