Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 5 Page - Texas Instruments

  CDCE906 Datasheet HTML 1Page - Texas Instruments CDCE906 Datasheet HTML 2Page - Texas Instruments CDCE906 Datasheet HTML 3Page - Texas Instruments CDCE906 Datasheet HTML 4Page - Texas Instruments CDCE906 Datasheet HTML 5Page - Texas Instruments CDCE906 Datasheet HTML 6Page - Texas Instruments CDCE906 Datasheet HTML 7Page - Texas Instruments CDCE906 Datasheet HTML 8Page - Texas Instruments CDCE906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
RECOMMENDED CRYSTAL SPECIFICATIONS
EEPROM SPECIFICATION
TIMING REQUIREMENTS
CDCE906
SCAS814 – NOVEMBER 2005
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCOUT1
Output Y0,Y1 supply voltage
2.3
3.6
V
VCCOUT2
Output Y2, Y3, Y4, Y5 supply voltage
2.3
3.6
V
VIL
Low level input voltage LVCMOS
0.3 VCC
V
VIH
High level input voltage LVCMOS
0.7 VCC
V
VIthresh
Input voltage threshold LVCMOS
0.5 VCC
V
VI
Input voltage range LVCMOS
0
3.6
V
|VID|
Differential input voltage
0.4
V
VIC
Common-mode for differential input voltage
0.2
Vcc - 1
V
IOH
High-level output current
–6
mA
IOL
Low-level output current
6
mA
CL
Output load LVCMOS
25
pF
TA
Operating free-air temperature
0
70
°C
MIN
NOM
MAX
UNIT
fXtal
Crystal input frequency range (fundamental mode)
8
27
54
MHz
ESR
Effective series resistance(1)(2)
15
60
Ω
CIN
Input capacitance CLK_IN0 and CLK_IN1
4
pF
(1)
For crystal frequencies above 50 MHz the effective series resistor should not exceed 50
Ω to assure stable start-up condition.
(2)
Maximum Power Handling (Drive Level) see Figure 11.
MIN
TYP
MAX
UNIT
EEcyc
Programming cycles of EEPROM
100
TBD
Cycles
EEret
Data retention
TBD
Years
over recommended ranges of supply voltage, load, and operating-free air temperature
MIN
NOM
MAX
UNIT
CLK_IN REQUIREMENTS
PLL mode
1
200
fCLK_IN
LVCMOS CLK_IN clock input frequency
MHz
PLL bypass mode
0
200
tr / tf
Rise and fall time CLK_IN signal (20% to 80%)
4
ns
dutyREF
Duty cycle CLK_IN at VCC / 2
40%
60%
SMBus TIMING REQUIREMENTS (see Figure 6)
fSCLK
SCLK frequency
100
kHz
th(START)
START hold time
4
µs
tw(SCLL)
SCLK low-pulse duration
4.7
µs
tw(SCLH)
SCLK high-pulse duration
4
50
µs
tsu(START)
START setup time
0.6
µs
th(SDATA)
SDATA hold time
0.3
µs
tsu(SDATA)
SDATA setup time
0.25
µs
tr
SCLK / SDATA input rise time
1000
ns
tf
SCLK / SDATA input fall time
300
ns
tsu(STOP)
STOP setup time
4
µs
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com