Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 2Page - Texas Instruments CDCE906 Datasheet HTML 3Page - Texas Instruments CDCE906 Datasheet HTML 4Page - Texas Instruments CDCE906 Datasheet HTML 5Page - Texas Instruments CDCE906 Datasheet HTML 6Page - Texas Instruments CDCE906 Datasheet HTML 7Page - Texas Instruments CDCE906 Datasheet HTML 8Page - Texas Instruments CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDCE906
SCAS814 – NOVEMBER 2005
TIMING REQUIREMENTS (continued)
over recommended ranges of supply voltage, load, and operating-free air temperature
MIN
NOM
MAX
UNIT
tBUS
Bus free time
4.7
µs
tPOR
Time in which the device must be operational after power-on reset
500
ms
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL PARAMETER
ICC
Supply current
All PLLs on, all outputs on,
90
115
mA
fout = 80 MHz, fCLK_IN = 27 MHz,
fvco = 160 MHz
ICCPD
Power down current. Every circuit powered
fIN = 0 MHz, VCC = 3.6 V
300
µA
down except SMBus
VPUC
Supply voltage Vcc threshold for power up
2.3
V
control circuit
Normal speed-mode(2)
80
167
VCO frequency of internal PLL (any of three
fVCO
MHz
PLLs)
High-speed mode(2)
150
300
fOUT
LVCMOS output frequency range(3)
VCC = 2.5 V or 3.3 V
167
MHz
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VCC = 3 V; II = –18 mA
–1.2
V
II
LVCMOS input current
VI = 0 V or VCC, VCC = 3.6 V
TBD
µA
IIH
LVCMOS input current For S1/S0
VI = VCC, VCC = 3.6 V
TBD
µA
IIL
LVCMOS input current For S1/S0
VI = 0 V, VCC = 3.6 V
TBD
µA
CI
Input capacitance at CLK_IN0 and CLK_IN1
VI = 0 V or VCC
3
pF
(1)
All typical values are at respective nominal VCC.
(2)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in Byte 6, Bit [7:5]. The min fvco can be
lower but impacts jitter-performance.
(3)
The maximum output frequency may be exceeded, but specifications under the Recommended Operating Condition may change and
are no longer assured.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com