Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 3Page - Texas Instruments CDCE906 Datasheet HTML 4Page - Texas Instruments CDCE906 Datasheet HTML 5Page - Texas Instruments CDCE906 Datasheet HTML 6Page - Texas Instruments CDCE906 Datasheet HTML 7Page - Texas Instruments CDCE906 Datasheet HTML 8Page - Texas Instruments CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments CDCE906 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
CDCE906
SCAS814 – NOVEMBER 2005
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS PARAMETER FOR Vccout = 3.3-V Mode
Vccout = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
Vccout = 3 V, IOH = –4 mA
2.4
V
Vccout = 3 V, IOH = –6 mA
2.1
Vccout = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vccout = 3 V, IOL = 4 mA
0.5
V
Vccout = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
tr0/tf0
Rise and fall time for output slew rate 0
Vccout = 3.3 V (20%–80%)
3.3
ns
tr1/tf1
Rise and fall time for output slew rate 1
Vccout = 3.3 V (20%–80%)
2.5
ns
tr2/tf2
Rise and fall time for output slew rate 2
Vccout = 3.3 V (20%–80%)
1.6
ns
tr3/tf3
Rise and fall time for output slew rate 3
Vccout = 3.3 V (20%–80%)
0.6
ns
1 PLL, 1 Output
50
TBD
tjit(cc)
Cycle-to-cycle jitter (4)(5)
ps
3 PLLs, 3 Outputs
120
TBD
1 PLL, 1 Output
60
TBD
tjit(per)
Peak-to-peak period jitter(5)
3 PLLs, 3 Outputs
130
TBD
Output skew (see (6) and Table 5)
1.6-ns rise/fall time (default) at
tsk(o)
200
ps
fvco = 150 MHz, Pdiv = 3
fvco = 250 MHz, Pdiv = 1
odc
Output duty cycle(7)
45%
55%
fvco = 250 MHz, Pdiv = 25
LVCMOS PARAMETER FOR Vccout = 2.5-V Mode
Vccout = 2.3 V, IOH = 0.1 mA
2.2
VOH
LVCMOS high-level output voltage
Vccout = 2.3 V, IOH = –3 mA
1.7
V
Vccout = 2.3 V, IOH = –4 mA
1.5
Vccout = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vccout = 2.3 V, IOL = 3 mA
0.5
V
Vccout = 2.3 V, IOL = 4 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO Bypass
11
Rise and fall time for output
tr0/tf0
Vccout = 2.5 V (20%–80%)
3.9
ns
slew rate 0
Rise and fall time for output
tr1/tf1
Vccout = 2.5 V (20%–80%)
2.9
ns
slew rate 1
Rise and fall time for output
tr2/tf2
Vccout = 2.5 V (20%–80%)
2.0
ns
slew rate 2
Rise and fall time for output
tr3/tf3
Vccout = 2.5 V (20%–80%)
0.8
ns
slew rate 3
Cycle-to-cycle jitter (4)(5)
1 PLL, 1 Output
60
TBD
tjit(cc)
ps
3 PLLs, 3 Outputs
130
TBD
Peak-to-peak period jitter(5)
1 PLL, 1 Output
60
TBD
tjit(per)
ps
3 PLLs, 3 Outputs
140
TBD
Output skew (see (6) and Table 5)
2-ns rise/fall time (default) at
tsk(o)
250
ps
fvco = 150 MHz, Pdiv = 3
(4)
50000 cycles
(5)
Jitter depends on configuration.
(6)
The tsk(o) specification is only valid for equal loading of all outputs.
(7)
odc depends on output rise and fall time (tr/tf); above limits are for normal tr/tf.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com