Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.ti.com
27 MHz
Crystal
CDCE906
16.9344 MHz (384fs)
33.8688 MHz (768fs)
11.2896 MHz (256fs)
27 MHz
DVD−DSP
MPEG/AC−3
Audio Dec
Karaoke
DSP
PCM1716
Front
Surround
Center
Subwoofer
CPU Clock
64 MHz
i.e. audio rate: 44.1 kHz
Clock Inputs (CLK_IN0 and CLK_IN1)
CDCE906
SCAS814 – NOVEMBER 2005
Audio Rate kHz
fs x 256 MHz
Divider
Error ppm
fs x 512 MHz
Divider
Error ppm
M
N
P
M
N
P
16
4.096
375
2048
36
0
6.144
125
768
27
0
22.05
5.6448
75
392
25
0
8.4672
125
588
15
0
24
6.144
125
768
27
0
9.216
125
768
18
0
32
8.192
375
2048
18
0
12.288
375
2048
12
0
44.1
11.2896
375
1568
10
0
16.9344
125
784
10
0
48
12.288
375
2048
12
0
18.432
125
768
9
0
96
24.576
375
2048
6
0
36.864
375
2048
4
0
Audio Rate kHz
fs x 512 MHz
Divider
Error ppm
fs x 768 MHz
Divider
Error ppm
M
N
P
M
N
P
16
8.192
375
2048
18
0
12.288
375
2048
12
0
22.05
11.2896
375
1568
10
0
16.9344
125
784
10
0
24
12.288
375
2048
12
0
18.432
125
768
9
0
32
16.384
375
2048
9
0
24.576
375
2048
6
0
44.1
22.5792
375
1568
5
0
33.8688
125
784
5
0
48
24.576
375
2048
6
0
36.864
375
2048
4
0
96
49.152
375
2048
3
0
73.728
375
2048
2
0
Video
2 MHz
Divider
Error
1 MHz
Divider
Error
0.5
Divider
Error
Rate MHz
ppm
ppm
MHz
ppm
M
N
P
M
N
P
M
N
P
27
54
1
8
4
0
27
-
-
1
0
13.5
-
-
2
0
Typical applications for the CDCE906 are digital HDTV systems, gaming consoles, DVD players, DVD add-on
cards for multimedia PCs, and step-top boxes.
Figure 9. CDCE906 System Application Block Diagram
The CDCE906 features two clock inputs which can be used as:
•
Crystal oscillator input (default setting)
•
Two independent single-ended LVCMOS inputs
•
Differential signal input
The dedicated clock input can be selected by the input signal source Bit [7:6] of Byte 11.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com