Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
www.ti.com
−1
0
1
2
3
4
5
3.6 V
3 V
2.5 V
VCCOUT
Multi-Function Control Inputs S0 and S1
Output Switching Matrix
CDCE906
SCAS814 – NOVEMBER 2005
Figure 18. EMI Reduction vs Vccout
The CDCE906 features two user definable inputs pins which can be used as external control pins or address
pins. When programmed as control pins, they can function as clock select pin, enable/disable pin or device
power-down pin. If both pins used as address-bits, up to four devices can be connected to the same SMBus. The
respective function is set in Byte 10; Bit [3:0]. Table 4 shows the possible setting for the different output
conditions, clock select and device addresses.
Table 4. Configuration Setting of Control Inputs
Configuration Bits
External Control Pins
Device Function
Byte 10,
Byte 10,
Bit [3:2]
Bit [1:0]
S11
S10
S01
S00
S1
S0
Yx Outputs
Power
Pin 2
Pin 1
(Pin 2)
(Pin 1)
Down
0
X
0
X
1
1
Active
No
Output ctrl
Output ctrl
0
0
0
X
0
1
Low/High(1)
No
Output ctrl
Output ctrl
0
1
0
X
0
1
3-State
Outputs only
Output ctrl
Output ctrl
0
X
0
0
X
0
3-State
PLL, inputs and outputs
Output ctrl
Output ctrl and pd
0
X
0
1
0
0
S10=0: low/high(1)
PLL only
Output ctrl
PLL and Div bypass
S10=1: 3-State
0
X
0
1
1
0
Active
PLL only
Output ctrl
PLL and Div bypass
0
X
1
0
0
0/1(2)
S10=0: Low/High(1)
No
Output ctrl
CLK_SEL
S10=1: 3-State
0
X
1
0
1
0/1(2)
Active
No
Output ctrl
CLK_SEL
1
1
1
1
X
X
Active
No
A1(3)
A0(3)
(1)
A non-inverting output will be set to low and an inverting output will be set to high.
(2)
If S0 is 0, CLK_IN0 is selected; if S0 is 1, CLK_IN1 is selected.
(3)
S0 and S1 are interpreted as Address Bit A0 and A1 of the Slave Receiver Address Byte.
As shown in Table 4, there is a specific order of the different output condition: Power-down mode overwrites
3-state, 3-state overwrites low-state, and low-state overwrites active-state.
The flexible architecture of the output switch matrix allows the user to switch any of the internal clock signal
sources via a free-selectable post-divider to any of the six outputs.
As shown in Figure 19, the CDCE906 is based on two banks of switches and six post-dividers. Switch A
comprises six 5-Input-Muxes which selects one of the four PLL clock outputs or directly selects the input clock
and feed it to one of the 7-bit post-divider (P-Divider). Switch B is made up of six 6-Input-Muxes which takes any
post-divider and feeds it to one of the six outputs, Yx.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com