Electronic Components Datasheet Search
  English  ▼

X  

CDCE906 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
www.ti.com
Down Spread 3%
9th Harmonic, fm = 60 kHz
11.3dB
7dB
Center Spread + 0.4%
9th Harmonic, fm = 60 kHz
Down Spread 3%
9th Harmonic, fm = 60
11.3dB
11.3 dB
7dB
7 dB
Center Spread + 0.4%
9th Harmonic, fm = 60
SSC Modulation Amount
SSC Modulation Frequency
CDCE906
SCAS814 – NOVEMBER 2005
SSC also is bypass-able (Byte 25, Bit [6:4]), which powers-down the SSC output and set it to logic low state. The
non-SSC output of PLL2 is not affected by this mode and can still be used.
SSC is an effective method to reduce electro-magnetic interference (EMI) noise in high-speed applications. It
reduces the RF energy peak of the clock signal by modulating the frequency and spread the energy of the signal
to a broader frequency range. Because the energy of the clock signal remains constant, a varying frequency that
broadens the overtones necessarily lowers their amplitudes. Figure 15 shows the effect of SSC on a 54-MHz
clock signal for DSP
Figure 15. Spread Spectrum Clocking With Center Spread and Down Spread
The peak amplitude of the modulated clock is 11.3 dB lower than the non-modulated carrier frequency for down
spread and radiated less electro-magnetic energy.
In SSC mode, the user can select the SSC modulation amount and SSC modulation frequency. The modulation
amount is the frequency deviation based to the carrier (min/max frequency), whereas the modulation frequency
determines the speed of the frequency variation. In SSC mode, the maximum VCO frequency is limited to 167
MHz.
The CDCE906 supports center spread modulation and down spread modulation. In center spread, the clock is
symmetrically shifted around the carrier frequency and can be
±0.1%, ±0.25%, and ±0.4%. At down spread, the
clock frequency is always lower than the carrier frequency and can be 1%, 1.5%, 2%, and 3%. The down spread
is preferred if a system can not tolerate an operating frequency higher than the nominal frequency (over-clocking
problem).
Example:
Modulation Type
Minimum
Center
Maximum
Frequency
Frequency
Frequency
A
±0.25% center spread
53.865 MHz
54 MHz
54.135 MHz
B
1% down spread
53.46 MHz
—
54 MHz
C
0.5% down spread(1)
53.73 MHz
53.865 MHz
54 MHz
(1)
A down spread of 0.5% of a 54-MHz carrier is equivalent to 59.865 MHz at a center spread of
±0.25%.
The modulation frequency (sweep rate) can be selected between 30 kHz and 60 kHz. It also based on the VCO
frequency as shown in the SSC Modulation Frequency Selection as shown on page 17. As shown in Figure 16,
the damping increases with higher modulation frequencies. It may be limited by the tracking skew of a
downstream PLL. The CDCE906 uses a triangle modulation profile which is one of the common profiles for SSC.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com