Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 28Page - Texas Instruments AMC3336 Datasheet HTML 29Page - Texas Instruments AMC3336 Datasheet HTML 30Page - Texas Instruments AMC3336 Datasheet HTML 31Page - Texas Instruments AMC3336 Datasheet HTML 32Page - Texas Instruments AMC3336 Datasheet HTML 33Page - Texas Instruments AMC3336 Datasheet HTML 34Page - Texas Instruments AMC3336 Datasheet HTML 35Page - Texas Instruments AMC3336 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
10 Layout
10.1 Layout Guidelines
Figure 10-1 shows a layout recommendation with the critical placement of the decoupling capacitors. The same
reference designators are used as in the Power Supply Recommendations section. Decoupling capacitors are
placed as close as possible to the AMC3336 supply pins. For best performance, place the sense resistor close
to the INP and INN inputs of the AMC3336 and keep the layout of both connections symmetrical.
This layout is used on the AMC3336 EVM and supports CISPR-11 compliant electromagnetic radiation levels.
10.2 Layout Example
AMC3336
Clearance area, to be
kept free of any
conductive materials.
To MCU I/O (optional)
From MCU
To MCU
GND
INN
3.3-V or 5-V supply
VDD
CLKIN
DOUT
DIAG
Top Metal
Inner or Bottom Layer Metal
Via
INP
HGND
Figure 10-1. Recommended Layout of the AMC3336
AMC3336
SBASA70 – APRIL 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com