Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 6Page - Texas Instruments AMC3336 Datasheet HTML 7Page - Texas Instruments AMC3336 Datasheet HTML 8Page - Texas Instruments AMC3336 Datasheet HTML 9Page - Texas Instruments AMC3336 Datasheet HTML 10Page - Texas Instruments AMC3336 Datasheet HTML 11Page - Texas Instruments AMC3336 Datasheet HTML 12Page - Texas Instruments AMC3336 Datasheet HTML 13Page - Texas Instruments AMC3336 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.10 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tH
DOUT hold time after rising edge of CLKIN
CLOAD = 15 pF; CLKIN 50% to DOUT 10% / 90%
3.5
ns
tD
Rising edge of CLKIN to DOUT valid delay
CLOAD = 15 pF; CLKIN 50% to DOUT 10% / 90%
15
ns
tr
DOUT rise time
10% to 90%, 3.0 V ≤ VDD ≤ 3.6 V, CLOAD = 15 pF
2.5
6
ns
10% to 90%, 4.5 V ≤ VDD ≤ 5.5 V, CLOAD = 15 pF
3.2
6
tf
DOUT fall time
10% to 90%, 3.0 V ≤ VDD ≤ 3.6 V, CLOAD = 15 pF
2.2
6
ns
10% to 90%, 4.5 V ≤ VDD ≤ 5.5 V,CLOAD = 15 pF
2.9
6
6.11 Timing Diagrams
CLKIN
DOUT
t
CLKIN
t
H
10%
90%
t
HIGH
t
LOW
t
r / tf
50%
t
D
Figure 6-1. Digital Interface Timing
DOUT
CLKIN
VDD
tSTART
Bitstream not valid (analog settling)
Valid bitstream
Figure 6-2. Device Startup Timing
AMC3336
SBASA70 – APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com