Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 18Page - Texas Instruments AMC3336 Datasheet HTML 19Page - Texas Instruments AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
7.3.4 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time.
A differential input of 1 V produces a stream of ones and zeros that are high 90% of the time. With 16 bits of
resolution, that percentage ideally corresponds to code 58982. A differential input of –1 V produces a stream
of ones and zeros that are high 10% of the time and ideally results in code 6553 with 16-bit resolution. These
input voltages are also the specified linear range of the AMC3336. If the input voltage value exceeds this range,
the output of the modulator shows nonlinear behavior as the quantization noise increases. The output of the
modulator clips with a stream of only zeros with an input less than or equal to –1.25 V or with a stream of only
ones with an input greater than or equal to 1.25 V. In this case, however, the AMC3336 generates a single 1
(if the input is at negative full-scale) or 0 (if the input is at positive full-scale) every 128 clock cycles to indicate
proper device function (see the Output Behavior in Case of a Full-Scale Input section for more details). Figure
7-4 shows the input voltage versus the output modulator signal.
Modulator Output
+ FS (Analog Input)
– FS (Analog Input)
Analog Input
Figure 7-4. Analog Input vs Modulator Output
The density of ones in the output bitstream for any input voltage value can be calculated using Equation 1 (with
the exception of a full-scale input signal, as described in the Output Behavior in Case of a Full-Scale Input
section):
IN
Clipping
Clipping
V
V
2 V
u
(1)
7.3.4.1 Output Behavior in Case of a Full-Scale Input
If a full-scale input signal is applied to the AMC3336 (that is, |VIN| ≥ VClipping), as shown in Figure 7-5, the device
generates a single one or zero every 128 bits at DOUT, depending on the actual polarity of the signal being
sensed. In this way, detecting a valid full-scale input signal and differentiating it from a missing high-side supply
is possible on the system level.
DOUT
CLKIN
127 CLKIN cycles
127 CLKIN cycles
VIN
–1.25 V
VIN ≥ 1.25 V
DOUT
Figure 7-5. Full-Scale Output of the AMC3336
7.3.4.2 Output Behavior in Case of a High-Side Supply Failure
The AMC3336 provides a fail-safe output that ensures that the output DOUT of the device offers a constant
bitstream of logic 0's in case the integrated DC/DC converter output voltage is below the undervoltage detection
threshold. See the Diagnostic Output section for more information.
AMC3336
SBASA70 – APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com