Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 13Page - Texas Instruments AMC3336 Datasheet HTML 14Page - Texas Instruments AMC3336 Datasheet HTML 15Page - Texas Instruments AMC3336 Datasheet HTML 16Page - Texas Instruments AMC3336 Datasheet HTML 17Page - Texas Instruments AMC3336 Datasheet HTML 18Page - Texas Instruments AMC3336 Datasheet HTML 19Page - Texas Instruments AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
6.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –1 V to 1 V , INN = AGND, fCLKIN = 20 MHz, sinc3 filter with OSR = 256, and 16-bit resolution (unless
otherwise noted)
Frequency (kHz)
0.1
1
10
50
-160
-140
-120
-100
-80
-60
-40
-20
0
sinc3, OSR = 256, VIN = 2 VPP
Figure 6-36. Frequency Spectrum With 10-kHz Input Signal
fIN (kHz)
0.01
0.1
1
10
100
1000
-140
-120
-100
-80
-60
-40
-20
0
OSR = 8
OSR = 256
Figure 6-37. Common-Mode Rejection Ratio vs Input Signal
Frequency
fRipple (kHz)
0.01
0.1
1
10
100
1000
-140
-120
-100
-80
-60
-40
-20
0
OSR = 8
OSR = 256
Figure 6-38. Power-Supply Rejection Ratio vs Ripple Frequency
VDD (V)
3
3.5
4
4.5
5
5.5
22
24
26
28
30
32
Figure 6-39. Supply Current vs Supply Voltage
fCLKIN (MHz)
9
10
11
12
13
14
15
16
17
18
19
20
21
22
24
26
28
30
32
Figure 6-40. Supply Current vs Clock Frequency
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
22
24
26
28
30
32
Figure 6-41. Supply Current vs Temperature
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com