Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3336 Datasheet HTML 1Page - Texas Instruments AMC3336 Datasheet HTML 2Page - Texas Instruments AMC3336 Datasheet HTML 3Page - Texas Instruments AMC3336 Datasheet HTML 4Page - Texas Instruments AMC3336 Datasheet HTML 5Page - Texas Instruments AMC3336 Datasheet HTML 6Page - Texas Instruments AMC3336 Datasheet HTML 7Page - Texas Instruments AMC3336 Datasheet HTML 8Page - Texas Instruments AMC3336 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
AMC3336 High-Precision, ±1-V Input,
Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
1 Features
• 3.3-V or 5-V single supply with integrated DC/DC
converter
• ±1-V input voltage range optimized for voltage
measurements
• Input resistance: 1 GΩ (typ)
• Low DC errors:
– Offset error: ±0.3 mV (max)
– Offset drift: ±4 µV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
• High CMTI: 90 kV/µs (min)
• System-level diagnostic features
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 6000-VPEAK reinforced isolation per DIN VDE V
0884-11
– 4250-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Isolated voltage sensing in:
– Motor drives
– Photovoltaic inverters
– Power delivery systems
– Protection relays
3 Description
The AMC3336 is a precision, isolated delta-sigma
(ΔΣ) modulator, optimized for high-impedance AC
voltage measurements. The fully integrated, isolated
DC/DC converter allows single-supply operation from
the low-side of the device, which makes the device
a unique solution for space-constrained applications.
The reinforced capacitive isolation barrier is certified
according to VDE V 0884-11 and UL1577 and
supports a working voltage of up to 1.2 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC3336 is optimized for direct
connection to a resistor network or other, high-
impedance voltage-signal source. The excellent DC
accuracy and low temperature drift support accurate
voltage measurements over the extended industrial
temperature range from –40°C to +125°C.
By using a digital filter (such as a sinc3 filter) to
decimate the bitstream, the device can achieve 16
bits of resolution with a dynamic range of 85 dB at a
data rate of 78 kSPS.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3336
SOIC (16)
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
AMC3336
û -ADC
Isolated
Isolated
Power
Isolated
Power
HGND
INP
INN
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
NC
+1.0 V
0 V
DCDC_IN
DCDC_GND
LDO_OUT
VDD
DOUT
CLKIN
GND
DIAG
MCU
Low-side supply
(3.3 V or 5 V)
±1.0 V
Typical Application
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: AMC3336
AMC3336
SBASA70 – APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC3336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3336 TI2-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
APRIL 2021
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI2-AMC3336-Q1 Datasheet
2Mb / 41P
AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
APRIL 2021
AMC3336DWER TI2-AMC3336DWER Datasheet
2Mb / 41P
AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
APRIL 2021
AMC3336DWER.A TI2-AMC3336DWER.A Datasheet
2Mb / 41P
AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
APRIL 2021
More results

Similar Description - AMC3336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M25 TI1-AMC3306M25 Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1333M10 TI-AMC1333M10 Datasheet
1Mb / 36P
AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock
MAY 2022
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com