Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 19Page - Texas Instruments AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
7.3.5 Isolated DC/DC Converter
The AMC3336 offers a fully integrated isolated DC/DC converter stage that includes the following components
illustrated in the Functional Block Diagram:
• Low-dropout regulator (LDO) on the low-side to stabilize the supply voltage VDD that drives the low-side
of the DC/DC converter. This circuit does not output a constant voltage and is not intended for driving any
external load.
• Low-side full-bridge inverter and drivers
• Laminate-based, air-core transformer for high immunity to magnetic fields
• High-side full-bridge rectifier
• High-side LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path. The high-side LDO outputs a constant voltage and can provide a limited amount of current to
power external circuitry.
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of
the electromagnetic radiation. The resonator frequency is synchronized to the operation of the ΔΣ modulator to
minimize interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3336 and can
source up to IH of additional DC current for an optional auxiliary circuit such as an active filter, preamplifier, or
comparator. As shown in Figure 7-6, IH is specified up to an ambient temperature of 85°C and derates linearly at
higher temperatures.
TA (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.25
0.5
0.75
1
1.25
D005
D048
Figure 7-6. Derating of IH at Ambient Temperatures >85°C
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com