Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments AMC3336 Datasheet HTML 28Page - Texas Instruments AMC3336 Datasheet HTML 29Page - Texas Instruments AMC3336 Datasheet HTML 30Page - Texas Instruments AMC3336 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
8.2.1.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
120-VRMS LINE VOLTAGE
230-VRMS LINE VOLTAGE
System input voltage
120 V ±10%, 60 Hz
230 V ±10%, 50 Hz
Low-side supply voltage
3.3 V or 5 V
3.3 V or 5 V
Maximum resistor operating voltage
75 V
75 V
Voltage drop across the sense resistor (RSNS) for a linear response
±1 V (maximum)
±1 V (maximum)
Current through the resistive divider, ICROSS
100 μA
100 μA
8.2.1.2 Detailed Design Procedure
This discussion covers the 230-VRMS example. The procedure for calculating the resistive divider for the 120-
VRMS use case is identical.
The 100-μA crosscurrent requirement at peak input voltage (360 V) determines that the total impedance of the
resistive divider is 3.6 MΩ. The impedance of the resistive divider is dominated by the top and bottom resistors
(shown exemplary as RL11 and RL12 in Figure 8-1) and the voltage drop across RL1SNS can be neglected for
a moment. The maximum allowed voltage drop per unit resistor is specified as 75 V, therefore the total, minimum
number of unit resistors in the top and bottom portion of the resistive divider is 360 V / 75 V = 5. The calculated
unit value is 3.6 MΩ / 5 = 720 kΩ and the next closest value from the E96-series is 715 kΩ.
RL1SNS is sized such that the voltage drop across the resistor at maximum input voltage (360 V) equals the
linear full-scale range input voltage (VFSR) of the AMC3336 that is +1 V. This voltage is calculated as RL1SNS
= VFSR / (VPeak – VFSR) x (RTOP + RBOT), where (RTOP + RBOT) is the total value of the RL11 and RL12 resistor
strings (5 x 715 kΩ = 3575 kΩ). RL1SNS is calculated as 9.96 kΩ and the next closest value from the E96-series
is 10 kΩ.
Table 8-2 summarizes the design of the resistive divider.
Table 8-2. Resistor Value Examples
PARAMETER
120-VRMS LINE VOLTAGE
230-VRMS LINE VOLTAGE
Peak voltage
190 V
360 V
Unit resistor value, RL11Xand RL12X
634 kΩ
715 kΩ
Number of unit resistors in RL11
1
2
Number of unit resistors in RL12
2
3
Sense resistor value, RL1SNS
10 kΩ
10 kΩ
Total resistance value
1912 kΩ
3585 kΩ
Resulting current through resistive divider, ICROSS
99.4 μA
100.4 μA
Resulting full-scale voltage drop across sense resistor RL1SNS
0.994 V
1.004 V
Peak power dissipated in unit resistor RL11X and RL12X
6.3mW
7.2 mW
Peak power dissipated in resistive divider
18.9 mW
36.2 mW
The AMC3336 requires a single 3.3-V or 5-V supply on its low-side. The high-side supply is internally generated
by an integrated DC/DC converter, as explained in the Isolated DC/DC Converter section.
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com