Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 5Page - Texas Instruments AMC3336 Datasheet HTML 6Page - Texas Instruments AMC3336 Datasheet HTML 7Page - Texas Instruments AMC3336 Datasheet HTML 8Page - Texas Instruments AMC3336 Datasheet HTML 9Page - Texas Instruments AMC3336 Datasheet HTML 10Page - Texas Instruments AMC3336 Datasheet HTML 11Page - Texas Instruments AMC3336 Datasheet HTML 12Page - Texas Instruments AMC3336 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.9 Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to 125°C, VDD = 3.0 V to 5.5 V, INP = –1 V to +1 V, INN = 0 V,
and sinc3 filter with OSR = 256 (unless otherwise noted); typical values are at TA = 25°C, CLKIN = 20 MHz, VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Low-side supply current
no external load on HLDO
28.5
42.5
mA
1 mA external load on HLDO
30.5
44.5
VDDUV
VDD analog undervoltage detection
threshold
VDD rising
2.9
V
VDD falling
2.8
VDDPOR
VDD digital reset threshold
VDD rising
2.5
V
VDD falling
2.4
VDCDC_OUT
DC/DC output voltage
DCDC_OUT to HGND
3.1
3.5
4.65
V
VDCDCUV
DC/DC output undervoltage detection
threshold voltage
VDCDC_OUT falling
2.1
2.25
V
VHLDO_OUT
High-side LDO output voltage
HLDO_OUT to HGND,
up to 1 mA external load (2)
3
3.2
3.4
V
VHLDOUV
High-side LDO output undervoltage
detection threshold voltage
VHLDO_OUT falling
2.4
2.6
V
IH
High-side supply current for auxiliary
circuitry
Load connected from HLDOout to HGND;
non-switching; –40
℃ ≤ TA ≤ 85℃(2)
1
mA
tSTART
Device startup time
VDD step from 0 to 3.0 V to bitstrem valid
0.6
1.1
ms
(1)
The typical value includes one standard deviation (sigma) at nominal operating condition.
(2)
High-side LDO supports full external load (IH) only up to TA = 85
℃. See the Isolated DC/DC Converter section for more details.
(3)
THD is the ratio of the rms sum of the amplitues of first five higher harmonics to the amplitude of the fundamental.
(4)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCEO = (ValueMAX - ValueMIN) / TempRange
(5)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = (ValueMAX - ValueMIN) / (Value(T=25℃) x TempRange) x 106
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com