Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments AMC3336 Datasheet HTML 28Page - Texas Instruments AMC3336 Datasheet HTML 29Page - Texas Instruments AMC3336 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
8.2 Typical Application
8.2.1 Solar Inverter Application
Isolated ΔΣ modulators are widely used for voltage measurements in high-voltage applications that must be
isolated from a low-voltage domain. Typical applications are AC line voltage measurements, either line-to-neutral
or line-to-line, and DC-link voltage measurements in frequency inverters. The AMC3336 integrates an isolated
power supply for the high-voltage side and therefore makes the device particularly easy to use in applications
that do not have a high-side supply readily available or where a high-side supply is referenced to a different
ground potential than the signal to be measured.
Figure 8-1 shows a simplified schematic of the AMC3336 in a solar inverter where the AC phase voltage is
measured on the grid-side. At that location in the system there is no supply readily available for powering the
isolated amplifier. The integrated isolated power-supply, together with its bipolar input voltage range, makes
the AMC3336 ideally suited for AC line-voltage sensing. In this example, phase current is sensed by the
AMC3306M05 across a shunt resistor on the grid-side of an LCL filter where there is also no suitable supply
available for powering the isolated amplifier. The integrated power-supply of the AMC3306M05 eliminates this
problem and enables current sensing at locations that are optimal for the system.
1 µF
100 nF
1 nF
1 nF
100 nF
10
10
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3306M05
1 µF
1 nF
100 nF
47 k
DCDC_IN
LDO_OUT
VDD
CLKIN
DOUT
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
1 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3336
1 µF
1 nF
100 nF
47 k
DCDC_IN
LDO_OUT
VDD
CLKIN
DOUT
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
to grid (L1)
RSHUNT
IPHASE
PGND
SW
RL11
RL1SNS
SW
PGND
N
N
RL12
to uC
from uC
to uC
from uC
DC+
DC-
Figure 8-1. The AMC3336 in a Typical Application
AMC3336
SBASA70 – APRIL 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com