Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments AMC3336 Datasheet HTML 28Page - Texas Instruments AMC3336 Datasheet HTML 29Page - Texas Instruments AMC3336 Datasheet HTML 30Page - Texas Instruments AMC3336 Datasheet HTML 31Page - Texas Instruments AMC3336 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
8.2.1.2.1 Input Filter Design
TI recommends placing an RC filter in front of the isolated amplifier to improve signal-to-noise performance of
the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency (fCLKIN)
of the internal ΔΣ modulator
• The DC impedance of the filter does not generate significant voltage drop in the analog input lines
• The source impedance of the analog inputs are equal
Most voltage-sensing applications use high-impedance resistive dividers in front of the isolated amplifier to scale
down the input voltage. In this case, a single capacitor (as shown in Figure 8-2) is sufficient to filter the input
signal.
1 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3336
DCDC_IN
LDO_OUT
VDD
DOUT
CLKIN
GND
DIAG
DCDC_GND
Figure 8-2. Input Filter
8.2.1.2.2 Bitstream Filtering
For modulator output bitstream filtering, a device from TI's C2000™ or Sitara™ microcontroller families is
recommended. These families support up to eight channels of dedicated hardwired filter structures that
significantly simplify system level design by offering two filtering paths per channel: one providing high-accuracy
results for the control loop and one fast-response path for overcurrent detection.
A delta-sigma modulator filter calculator is available for download at www.ti.com that aids in the filter design and
selecting the right OSR and filter-order to achieve the desired output resolution and filter response time.
AMC3336
SBASA70 – APRIL 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com