Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 32Page - Analog Devices ADPD107 Datasheet HTML 33Page - Analog Devices ADPD107 Datasheet HTML 34Page - Analog Devices ADPD107 Datasheet HTML 35Page - Analog Devices ADPD107 Datasheet HTML 36Page - Analog Devices ADPD107 Datasheet HTML 37Page - Analog Devices ADPD107 Datasheet HTML 38Page - Analog Devices ADPD107 Datasheet HTML 39Page - Analog Devices ADPD107 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 36 of 66
SLOT A
SLOT B
SLOT B
SLOT A
SLEEP
0x02
0x05
0x06
0x07
0x0F
Figure 41. Optional Timing Signals Available on GPIOx—Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02, 0x05, 0x06, 0x07, and 0x0F
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
0x02
0x0D
0x0E
0x0C
SLEEP
SLEEP
SLEEP
SLEEP
SLEEP
Figure 42. Optional Timing Signals Available on GPIOx—Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02, 0x0C, 0x0D, and 0x0E
ADPD103 Backward Compatibility
Setting Register 0x0B = 0 provides backward compatibility to
the ADPD103. The GPIO0 pin mirrors the functionality of the
ADPD103 INT pin. The GPIO1 pin mirrors the functionality of
the ADPD103 PDSO pin.
Interrupt Function
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x01 configures
the respective pin to perform the interrupt function as defined
by the settings in Register 0x01.
Sample Timing
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02 configures
the respective pin to provide a signal that asserts at the beginning
of the first time slot of the current sample and deasserts at the
end of the last time slot of the current sample. For example, if
both time slots are enabled, this signal asserts at the beginning
of Time Slot A and deasserts at the end of Time Slot B. If only a
single time slot is enabled, the signal asserts at the beginning of
the enabled time slot and deasserts at the end of this same time slot.
Pulse Outputs
Three options are available to provide a copy of the LED pulse
outputs. Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x05
provides a copy of the Time Slot A LED pulses on the respective
pin. A setting of 0x06 provides the Time Slot B pulses, and a
setting of 0x07 provides the pulse outputs of both time slots.
Output Data Cycle Signal
There are three options available to provide a signal that
indicates when the output data is written to the output data
registers or to the FIFO. Setting Register 0x0B, Bits[12:8] or
Bits[4:0] = 0x0C provides a signal that indicates that a data
value is written for Time Slot A. A setting of 0x0D provides a
signal that indicates that a data value is written for Time Slot B,
and 0x0E provides a signal to indicate that a value is written for
either time slot. The signal asserts at the end of the time slot,
when the output data is already written, and deasserts at the
start of the subsequent sample. This timing signal is especially
useful in situations where the FIFO is being used. For example,
one of the GPIOx pins can be configured to provide an interrupt
after the FIFO reaches the FIFO threshold set in Register 0x06,
Bits[13:8], while the other GPIOx pin can be configured to
provide the output data cycle signal. This signal can be used to
trigger a peripheral device, such as an accelerometer, so that
time aligned signals are provided to the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com