Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 54 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 50Page - Analog Devices ADPD107 Datasheet HTML 51Page - Analog Devices ADPD107 Datasheet HTML 52Page - Analog Devices ADPD107 Datasheet HTML 53Page - Analog Devices ADPD107 Datasheet HTML 54Page - Analog Devices ADPD107 Datasheet HTML 55Page - Analog Devices ADPD107 Datasheet HTML 56Page - Analog Devices ADPD107 Datasheet HTML 57Page - Analog Devices ADPD107 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 54 of 66
Address
Data Bit
Default
Value
Access
Name
Description
0x25
[15:11]
0xC
R/W
ILED3_FINE
LEDX3 fine adjust. Current adjust multiplier for LED3.
LEDX3 fine adjust = 0.74 + 0.022 × (Register 0x25, Bits[15:11]).
See Register 0x22, Bits[3:0], for the full LED3 formula.
[10:6]
0xC
R/W
ILED2_FINE
LEDX2 fine adjust. Current adjust multiplier for LED2.
LEDX2 fine adjust = 0.74 + 0.022 × (Register 0x25, Bits[10:6]).
See Register 0x24, Bits[3:0], for the full LED2 formula.
5
0x0
R/W
Reserved
Write 0x0.
[4:0]
0xC
R/W
ILED1_FINE
LEDX1 fine adjust. Current adjust multiplier for LED1.
LEDX1 fine adjust = 0.74 + 0.022 × (Register 0x25, Bits[4:0]).
See Register 0x23, Bits[3:0], for the full LED1 formula.
0x30
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
R/W
SLOTA_LED_WIDTH
LED pulse width (in 1 μs step) for Time Slot A.
[7:0]
0x20
R/W
SLOTA_LED_OFFSET
LED offset width (in 1 μs step) for Time Slot A.
0x31
[15:8]
0x08
R/W
SLOTA_LED_NUMBER
LED Time Slot A pulse count. nA: number of LED pulses in Time
Slot A. This is typically LED1. Adjust in the application. A setting of
six pulses (0x06) is typical.
[7:0]
0x18
R/W
SLOTA_LED_PERIOD
LED Time Slot A pulse period (in 1 μs step).
0x34
[15:10]
0x00
R/W
Reserved
Write 0x0.
9
0x0
R/W
SLOTB_LED_DIS
Time Slot B LED disable. 1: disables the LED assigned to Time Slot B.
Register 0x34 keeps the drivers active and prevents them from
pulsing current to the LEDs. Disabling both LEDs via this register is
often used to measure the dark level.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
8
0x0
R/W
SLOTA_LED_DIS
Time Slot A LED disable. 1: disables the LED assigned to Time Slot A.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x35
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
SLOTB_LED_WIDTH
LED pulse width (in 1 μs step) for Time Slot B.
[7:0]
0x20
SLOTB_LED_OFFSET
LED offset width (in 1 μs step) for Time Slot B.
0x36
[15:8]
0x08
R/W
SLOTB_LED_NUMBER
LED Time Slot B pulse count. nB: number of LED pulses in Time Slot B.
This is typically LED2. A setting of six pulses (0x06) is typical.
[7:0]
0x18
R/W
SLOTB_LED_PERIOD
LED Time Slot B pulse period (in 1 μs step).
AFE GLOBAL CONFIGURATION REGISTERS
Table 30. AFE Global Configuration Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x37
[15:13]
0x0
R/W
CH34_DISABLE
Power-down options for Channel 3 and Channel 4 only.
Bit 13: power down Channel 3, Channel 4 TIA op amp.
Bit 14: power down Channel 3, Channel 4 BPF op amp.
Bit 15: power down Channel 3, Channel 4 integrator op amp.
[12:10]
0x0
R/W
CH2_DISABLE
Bit 10: power down Channel 2 TIA op amp.
Bit 11: power down Channel 2 BPF op amp.
Bit 12: power down Channel 2 integrator op amp.
[9:0]
0x000
R/W
Reserved
Write 0x000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com