Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 47 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 43Page - Analog Devices ADPD107 Datasheet HTML 44Page - Analog Devices ADPD107 Datasheet HTML 45Page - Analog Devices ADPD107 Datasheet HTML 46Page - Analog Devices ADPD107 Datasheet HTML 47Page - Analog Devices ADPD107 Datasheet HTML 48Page - Analog Devices ADPD107 Datasheet HTML 49Page - Analog Devices ADPD107 Datasheet HTML 50Page - Analog Devices ADPD107 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 47 of 66
Measuring Voltages Using the Current Inputs
In some situations, as in a case where a synchronized ECG and
PPG measurement is being attempted, a voltage measurement
must be made using the current inputs of the ADPD105/
ADPD106/ADPD107. First, convert the voltage source to a
current by placing a series resistor, RS, in series between the
voltage source and the current input of the device, as shown in
Figure 52.
TIA_VREF
TIA
ADC
RIN
IIN
RS
VIN
ADPD105/ADPD106/
ADPD107
Figure 52. Using the ADPD105/ADPD106/ADPD107 Inputs with Voltage Sources
Secondly, there is a switch resistance, RIN, that must be taken
into consideration when converting a voltage source to a
current. This switch resistance is not a factor in a typical
photodiode application since the device is only dealing with
input currents and these currents are not a function of the input
resistance. However, when driving the device inputs from a
voltage source through a series resistance, RIN must be taken
into consideration. The conversion gain from a voltage into a
current can be determined by following the schematic in Figure 52.
IIN = (VIN − TIA_VREF)/(RS + RIN)
Typically, RIN is approximately 13 kΩ. The value of RIN varies as
a function of supply voltage. This variability is shown in Figure 53
45
0
5
10
15
20
25
30
35
40
1.70
1.75
1.80
1.85
1.90
1.95
VDD SUPPLY VOLTAGE (V)
–40°C
0°C
+25°C
+85°C
Figure 53. Variability of Switch Input Resistance as a Function of VDD Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com