Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 61 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 57Page - Analog Devices ADPD107 Datasheet HTML 58Page - Analog Devices ADPD107 Datasheet HTML 59Page - Analog Devices ADPD107 Datasheet HTML 60Page - Analog Devices ADPD107 Datasheet HTML 61Page - Analog Devices ADPD107 Datasheet HTML 62Page - Analog Devices ADPD107 Datasheet HTML 63Page - Analog Devices ADPD107 Datasheet HTML 64Page - Analog Devices ADPD107 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 61 of 66
Address
Data
Bit
Default
Access
Name
Description
0x0D
[15:0]
0x0000
R/W
SLAVE_ADDRESS_KEY
Enable changing the I2C address using Register 0x09.
0x04AD: enable address change always.
0x44AD: enable address change if GPIO0 is high.
0x84AD: enable address change if GPIO1 is high.
0xC4AD: enable address change if both GPIO0 and GPIO1 are high.
0x0F
[15:1]
0x0000
R
Reserved
Write 0x0000.
0
0x0
R/W
SW_RESET
Software reset. Write 0x1 to reset the device. This bit clears itself after a
reset. For I2C communications, this command returns an acknowledge
and the device subsequently returns to standby mode with all registers
reset to the default state.
0x10
[15:2]
0x0000
R/W
Reserved
Write 0x000.
[1:0]
0x0
R/W
Mode
Determines the operating mode of the ADPD105/ADPD106/ADPD107.
0x0: standby.
0x1: program.
0x2: normal operation.
0x11
[15:14]
0x0
R/W
Reserved
Reserved.
13
0x0
R/W
RDOUT_MODE
Readback data mode for extended data registers.
0x0: block sum of N samples.
0x1: block average of N samples.
12
0x1
R/W
FIFO_OVRN_PREVENT
0x0: wrap around FIFO, overwriting old data with new.
0x1: new data if FIFO is not full (recommended setting).
[11:9]
0x0
R/W
Reserved
Reserved.
[8:6]
0x0
R/W
SLOTB_FIFO_MODE
Time Slot B FIFO data format.
0: no data to FIFO.
1: 16-bit sample in digital integration mode or 16-bit sum of all four
channels when not in digital integration mode.
2: 32-bit sample in digital integration mode or 32-bit sum of all four
channels when not in digital integration mode.
3: 16-bit sample and 16-bit background value in digital integration mode.
4: 32-bit sample and 32-bit background value in digital integration
mode or four channels of 16-bit sample data for Time Slot B when not
in digital integration mode.
6: four channels of 32-bit extended sample data for Time Slot B when
not in digital integration mode.
Others: reserved.
The selected Time Slot B data is saved in the FIFO. Available only if Time
Slot A has the same averaging factor, N (Register 0x15, Bits[10:8] =
Bits[6:4]), or if Time Slot A is not saving data to the FIFO (Register 0x11,
Bits[4:2] = 0).
5
0x0
R/W
SLOTB_EN
Time Slot B enable. 1: enables Time Slot B.
[4:2]
0x0
R/W
SLOTA_FIFO_MODE
Time Slot A FIFO data format.
0: no data to FIFO.
1: 16-bit sample in digital integration mode or 16-bit sum of all
four channels when not in digital integration mode.
2: 32-bit sample in digital integration mode or 32-bit sum of all
four channels when not in digital integration mode.
3: 16-bit sample and 16-bit background value in digital integration mode.
4: 32-bit sample and 32-bit background value in digital integration
mode or four channels of 16-bit sample data for Time Slot B when not
in digital integration mode.
6: four channels of 32-bit extended sample data for Time Slot B when
not in digital integration mode.
Others: reserved.
1
0x0
R/W
Reserved
Write 0x0.
0
0x0
R/W
SLOTA_EN
Time Slot A enable. 1: enables Time Slot A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com