Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 37 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 33Page - Analog Devices ADPD107 Datasheet HTML 34Page - Analog Devices ADPD107 Datasheet HTML 35Page - Analog Devices ADPD107 Datasheet HTML 36Page - Analog Devices ADPD107 Datasheet HTML 37Page - Analog Devices ADPD107 Datasheet HTML 38Page - Analog Devices ADPD107 Datasheet HTML 39Page - Analog Devices ADPD107 Datasheet HTML 40Page - Analog Devices ADPD107 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 37 of 66
fS/2 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x0F configures
the respective pin to provide a signal that toggles at half the
sampling rate. This timing signal is useful in, for example,
situations where more than two LEDs per sample are required.
This signal can be used as a select signal to a multiplexer being
used to mux two LEDs into a single LED driver, providing the
ability to drive up to four separate LEDs per sample period. In
such a case, the ADPD105/ADPD106/ADPD107 are operated at
2× the sampling rate and the LED settings can be reconfigured
during the sleep period between samples. If identical LED settings
(current and timing) are used for the LEDs being muxed, then
up to four LEDs can be sampled per sampling period without
host inter-vention. An example of this configuration is shown in
Figure 43.
The fS/2 timing signal always starts in an active low state when
the device switches from standby mode to normal operating
mode and transitions to a high state at the completion of the
first sample.
Figure 43. Example Using the fS/2 Timing Signal
Logic 0 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x10 configures
the respective pin to provide a Logic 0 output.
Logic 1 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x11 configures
the respective pin to provide a Logic 1 output.
32 kHz Oscillator Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x13 configures
the respective pin to provide a copy of the on-board 32 kHz
oscillator.
CALCULATING CURRENT CONSUMPTION
The current consumption of the ADPD105/ADPD106/ADPD107
depends on the user selected operating configuration, as
determined by the following equations.
Total Power Consumption
To calculate the total power consumption, use Equation 4.
Total Power = IVDD_AVG × VDD + ILEDA_AVG × VLEDA +
ILEDB_AVG × VLEDB
(4)
Average VDD Supply Current
To calculate the average VDD supply current, use Equation 5.
IVDD_AVG = DR × ((IAFE_A × tSLOTA) + (IAFE_B × tSLOTB) +
QPROC_X) + IVDD_STANDBY
(5)
where:
DR is the data rate in Hz.
IVDD_STANDBY = 0.2 μA.
QPROC_X is an average charge associated with a processing time,
as follows:
When only Time Slot A is enabled,
QPROC_A (C) = 0.135 × 10−6 + (186 × 10−6 × (2.69 × 10−3 +
(6.2 × 10−3/SCALE_A × ILEDA_PK))
When only Time Slot B is enabled,
QPROC_B (C) = 0.135 × 10−6 + (134 × 10−6 × (2.69 × 10−3 +
(6.2 × 10−3/SCALE_A × ILEDA_PK))
When Time Slot A and Time Slot B are enabled,
QPROC_AB (C) = 0.135 × 10−6 + (206 × 10−6 × (2.69 × 10−3 +
(6.2 × 10−3/SCALE_A × ILEDA_PK))
IAFE_x (A) = 3.0 × 10−3 + (1.5 × 10−3 × NUM_CHANNELS) +
(5.7 × 10−3/SCALE_X × ILEDX_PK)
(6)
tSLOTx (sec) = LEDx_OFFSET + LEDx_PERIOD ×
PULSE_COUNT
(7)
where:
NUM_CHANNELS is the number of active channels.
ILEDX_PK is the peak LED current, expressed in amps, for whichever
LED is enabled in that particular timeslot. Note that in the QPROC
calculations, the processing charge only scales as a function of
the LED current setting for the LED configured to operate in
Time Slot A, regardless of whether or not Time Slot A is enabled.
For this reason, be sure to minimize the LED peak current for
the Time Slot A LED to save power when Time Slot A is not
being used.
SCALE_X is the scale factor for the LED current drive determined
by Bit 13 of the LEDX_DRV registers: Register 0x22, Register 0x23,
and Register 0x24.
LEDx_OFFSET is the pulse start time offset expressed in
seconds.
LEDx_PERIOD is the pulse period expressed in seconds.
PULSE_COUNT is the number of pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com