Electronic Components Datasheet Search
  English  ▼

X  

ADPD107 Datasheet(PDF) 51 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 47Page - Analog Devices ADPD107 Datasheet HTML 48Page - Analog Devices ADPD107 Datasheet HTML 49Page - Analog Devices ADPD107 Datasheet HTML 50Page - Analog Devices ADPD107 Datasheet HTML 51Page - Analog Devices ADPD107 Datasheet HTML 52Page - Analog Devices ADPD107 Datasheet HTML 53Page - Analog Devices ADPD107 Datasheet HTML 54Page - Analog Devices ADPD107 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 51 of 66
Hex.
Addr.
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
RW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x7E
B_PD3_
HIGH
[15:8]
SLOTB_CH3_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH3_HIGH[7:0]
0x7F
B_PD4_
HIGH
[15:8]
SLOTB_CH4_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH4_HIGH[7:0]
1 The recommended values are not shown. Only power-on reset values are shown in Table 28. The recommended values are largely dependent on use case. See Table 29
to Table 35 for the recommended values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com