Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 4 Page - Analog Devices

  ADPD4000 Datasheet HTML 1Page - Analog Devices ADPD4000 Datasheet HTML 2Page - Analog Devices ADPD4000 Datasheet HTML 3Page - Analog Devices ADPD4000 Datasheet HTML 4Page - Analog Devices ADPD4000 Datasheet HTML 5Page - Analog Devices ADPD4000 Datasheet HTML 6Page - Analog Devices ADPD4000 Datasheet HTML 7Page - Analog Devices ADPD4000 Datasheet HTML 8Page - Analog Devices ADPD4000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 4 of 82
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
32 MHz Oscillator
Percent Variation from 25°C to 85°C
2
%
Percent Variation from +25°C to −40°C
−2
%
1
Minimum LED period = (2 × AFE width) + 2 µs.
2
The maximum value in this specification is the internal ADC sampling rate using the internal 1 MHz state machine clock. The I2C and SPI read rates in some
configurations may limit the ODR.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TRANSIMPEDANCE AMPLIFIER (TIA) GAIN
12.5
200
kΩ
PULSED SIGNAL CONVERSIONS, 3 μs LED
PULSE
4 μs integration width, single integration mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
6.2
nA/LSB
25 kΩ
3.1
nA/LSB
50 kΩ
1.5
nA/LSB
100 kΩ
0.77
nA/LSB
200 kΩ
0.38
nA/LSB
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
50
μA
25 kΩ
25
μA
50 kΩ
12.5
μA
100 kΩ
6.22
μA
200 kΩ
3.11
μA
PULSED SIGNAL CONVERSIONS, 2 μs LED
PULSE
3 μs integration width, single integration mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
8.2
nA/LSB
25 kΩ
4.1
nA/LSB
50 kΩ
2.04
nA/LSB
100 kΩ
1.02
nA/LSB
200 kΩ
0.51
nA/LSB
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
67
μA
25 kΩ
33
μA
50 kΩ
16.7
μA
100 kΩ
8.37
μA
200 kΩ
4.19
μA
FULL SIGNAL CONVERSIONS
TIA Linear Dynamic Range (per
Channel)
Total input current, 1% compression point, TIA_VREF = 1.265 V
12.5 kΩ
72
μA
25 kΩ
38
μA
50 kΩ
18.7
μA
100 kΩ
9.3
μA
200 kΩ
4.6
μA
SYSTEM PERFORMANCE
Referred to Input Noise
Single integration mode, single pulse, single channel, floating
input, TIA_VREF = 0.9 V, 4 μs integration time
12.5 kΩ TIA gain
6.8
nA rms
25 kΩ TIA gain
3.4
nA rms
50 kΩ TIA gain
1.6
nA rms
100 kΩ TIA gain
0.9
nA rms
200 kΩ TIA gain
0.5
nA rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com