Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 15Page - Analog Devices ADPD4000 Datasheet HTML 16Page - Analog Devices ADPD4000 Datasheet HTML 17Page - Analog Devices ADPD4000 Datasheet HTML 18Page - Analog Devices ADPD4000 Datasheet HTML 19Page - Analog Devices ADPD4000 Datasheet HTML 20Page - Analog Devices ADPD4000 Datasheet HTML 21Page - Analog Devices ADPD4000 Datasheet HTML 22Page - Analog Devices ADPD4000 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Data Sheet
ADPD4000/ADPD4001
Rev. A | Page 19 of 82
The order of samples written to the FIFO (if selected) is dark
data followed by signal data. The byte order for multibyte words
is shown in Table 14.
Table 14. Byte Order for FIFO Writes
Size
Byte Order (After Shift)
8
[7:0]
16
[15:8], [7:0]
24
[15:8], [7:0], [23:16]
32
[15:8], [7:0], [31:24], [23:16]
The FIFO size is 256 bytes. When the FIFO is empty, a read opera-
tion returns 0xFF and the INT_FIFO_UFLOW status bit is set.
In addition to the FIFO, the signal and dark 32-bit registers can
be directly read. These registers are effectively two-stage registers
where there is an internal data register that updates with every
sample and a latched output data register that is accessed by the
host. The data interrupts can be used to align the access of these
registers to just after the registers are written. If using the interrupt
timing is troublesome, use the HOLD_REGS_x bit field to prevent
update of the output registers during an access not aligned to
the interrupt. Setting the HOLD_REGS_x bit field blocks the
update of the latched output data register and ensures that the
dark and signal values read by the host are from the same sample
point. If additional samples occur while the HOLD_REGS_x bit
field is set, the samples are written to the internal data register
but not latched into the output data register that is accessed by
the host. Setting the HOLD_REGS_x bit field to 0 reenables the
pass through of new data.
After all time slots have completed, the optional status bytes are
written to the FIFO. See the Optional Status Bytes section for
more information.
CLOCKING
Low Frequency Oscillator
A low frequency oscillator clocks the low speed state machine,
which sets the time base used to control the sample timing,
wake-up states, and overall operation. There are three options
for low frequency oscillator generation. The first option is an
internal, selectable 32 kHz or 1 MHz oscillator. The second
option is for the host to provide an low frequency oscillator
externally. Finally, the low frequency oscillator can be generated
by a divide by 32 or divide by 1000 of an external high frequency
clock source at 32 MHz. When powering up the device, it is
expected that the low frequency oscillator is enabled and left
running continuously.
To operate with the on-chip low frequency oscillator, use the
following writes. Set the LFOSC_SEL bit to 0 to select the
32 kHz clock or 1 if the 1 MHz clock is desired. Then, set either
the OSC_1M_EN or OSC_32K_EN bit to 1 to turn on the
desired internal oscillator. The internal 32 kHz clock frequency
is set using the 6-bit OSC_32K_ADJUST bit field. The internal
1 MHz clock frequency is set using the 10-bit OSC_1M_FREQ_
ADJUST bit field.
The low frequency oscillator can be driven directly from an
external source provided on a GPIO input. To enable an
external low frequency clock, use the following writes. Enable
one of the GPIO inputs using the GPIO_PIN_CFGx bit fields.
Next, use the ALT_CLK_GPIO bit field to choose the enabled
GPIO input to be used for the external low frequency oscillator.
Set the ALT_CLOCKS bit field to 0x1 to select an external low
frequency oscillator. Finally, use the LFOSC_SEL bit to match
whether a 32 kHz or 1 MHz clock is being provided.
In a third method, an external 32 MHz clock is used for both
the high frequency clock and to be divided down to generate
the low frequency clock. To use this method, follow the
previous instructions for an external low frequency clock but
set the ALT_CLOCKS bit field to 0x3, and use the LFOSC_SEL
bit to determine if a divide by 32 or 1000 is used to generate the
low frequency clock so that either a 32 kHz or 1 MHz clock is
generated from the external 32 MHz clock.
High Frequency Oscillator
A 32 MHz high frequency oscillator is generated internally or
can be provided externally. This high frequency clock clocks the
high speed state machine, which controls the AFE operations
during the time slots, such as LED timing and integration times.
The high frequency oscillator can be internally generated by setting
the ALT_CLOCKS bit field to 0x0 or 0x1. When selected, the
internal 32 MHz oscillator is enabled automatically by the low
speed state machine during the appropriate wake-up time or
during the 32 MHz oscillator calibration routine.
The high frequency oscillator can also be driven from an
external source. To provide an external 32 MHz high frequency
oscillator, enable one of the GPIO inputs using the GPIO_PIN_
CFGx bit fields. Then, use the ALT_CLK_GPIO bit field to
choose the enabled GPIO input for the external high frequency
oscillator. Finally, write 0x2 or 0x3 to the ALT_CLOCKS bit
field to select an external high frequency oscillator. Writing 0x2
provides only the high frequency oscillator from the external
source, whereas writing 0x3 generates both the low frequency
oscillator and high frequency oscillator from the external
32 MHz source. When using an external 32 MHz oscillator, it
must be kept running continuously for proper device operation.
TIME STAMP OPERATION
The time stamp feature is useful for calibration of the low fre-
quency oscillator as well as providing the host with timing
information during time slot operation. Timestamping is sup-
ported by the use of any GPIO as a time stamp request input,
the CAPTURE_TIMESTAMP bit to enable capture of the time
stamp trigger, a time counter running in the low frequency
oscillator domain, and two output registers. The output bit fields
include TIMESTAMP_COUNT_x, which holds the count of low
frequency oscillator cycles between time stamp triggers, and
TIMESTAMP_SLOT_DELTA, which holds the number of low
frequency oscillator cycles remaining to the next time slot start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com