Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 14Page - Analog Devices ADPD4000 Datasheet HTML 15Page - Analog Devices ADPD4000 Datasheet HTML 16Page - Analog Devices ADPD4000 Datasheet HTML 17Page - Analog Devices ADPD4000 Datasheet HTML 18Page - Analog Devices ADPD4000 Datasheet HTML 19Page - Analog Devices ADPD4000 Datasheet HTML 20Page - Analog Devices ADPD4000 Datasheet HTML 21Page - Analog Devices ADPD4000 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 18 of 82
state. The entire decimation path uses a 32-bit datapath. It is up
to the user to ensure that there is no undesired overflow.
Final data results can be read from data registers or a 256-byte
data FIFO. Data written to the FIFO is configurable to allow the
different data registers, formats, and data sizes as required. All
time slots that write data to the FIFO must use the same output
data rate by using the same decimation rate. Data from time slots
operating at different output data rates than that which is being
written to the FIFO must be read from the corresponding data
register.
At the end of each time slot or decimation period, the selected
data is written to the FIFO as a packet. This packet can include
0, 8-, 16-, 24-, or 32-bit data for each of the dark data and signal
data values. The bit alignment of the data written to the FIFO is
selectable with a shift of 0 bits to 31 bits, with saturation
provided. Lower bits are ignored. The DARK_SHIFT_x and
SIGNAL_SHIFT_x bit fields select the number of bits to shift
the output data to the right before writing to the FIFO. The
DARK_SIZE_x and SIGNAL_SIZE_x bit fields select the number
of bytes of each field to be written from 0 bytes to 4 bytes. When
set to 0, no data is written for that data type. If there are any
nonzero bits at more significant bit positions than those
selected, the data written to the FIFO is saturated. If both
channels are enabled, all selected Channel 1 data values are
written to the FIFO first, followed by the Channel 2 data.
For example, in modes that utilize dark data, the eight upper
bits of the dark data can be stored with 24 appropriately selected
bits from the signal data for each time slot to allow detection of
whether the ambient light is becoming large, while limiting the
size of the amount of data transferred.
The FIFO is never written with partial packets of data. This
means that if there is not enough room for all of the data that is
to be written to the FIFO for all enabled time slots and any
selected status bytes, no data is written from any of the time
slots during that period and the INT_FIFO_OFLOW status bit
is set.
ADC
(14 BITS UNSIGNED)
CHx_ADC_ADJUST
POSITIVE ACCUMULATION
32 BITS SIGNED
NEGATIVE ACCUMULATION
32 BITS SIGNED
ACCORDING TO
SUBTRACT OR DIGITAL
INTEGRATION REGION
15 BITS SIGNED
SIGNAL
DARK
SIGNAL DATA
32 BITS UNSIGNED
DARK DATA
32 BITS UNSIGNED
CLIP
CLIP
PER CHANNEL
AND PER TIMESLOT
DECIMATION
DATA REGISTERS
ADD 2048 IF
ZERO_ADJUST_x = 1
+
–
+
–
Figure 21. Datapath Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com