Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 16Page - Analog Devices ADPD4000 Datasheet HTML 17Page - Analog Devices ADPD4000 Datasheet HTML 18Page - Analog Devices ADPD4000 Datasheet HTML 19Page - Analog Devices ADPD4000 Datasheet HTML 20Page - Analog Devices ADPD4000 Datasheet HTML 21Page - Analog Devices ADPD4000 Datasheet HTML 22Page - Analog Devices ADPD4000 Datasheet HTML 23Page - Analog Devices ADPD4000 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 20 of 82
The setup for using the time stamp operation is as follows:
1. Configure a GPIO to support the time stamp input using
the appropriate GPIO_PIN_CFGx bit field. Select the
matching GPIO to provide the time stamp using the
TIMESTAMP_GPIO bit field.
2. Configure the ADPD4000/ADPD4001 for operation and
enable the low frequency oscillator.
3. If the TIMESTAMP_SLOT_DELTA function is desired,
start time slot operation by placing the device in go mode
using the OP_MODE bit (see Table 15). For low frequency
oscillator calibration, it is only required that the low
frequency oscillator be enabled. The device does not have
to be in go mode for low frequency oscillator calibration.
Use the following procedure to capture the time stamp:
1. Set the CAPTURE_TIMESTAMP register bit to 1 to enable
capture of the time stamp on the next rising edge on the
selected GPIO input.
2. The host provides the initial time stamp trigger on the
selected GPIO at an appropriate time.
3. The CAPTURE_TIMESTAMP bit is cleared when the
time stamp signal is captured unless the TIMESTAMP_
ALWAYS_EN bit is set, in which case, the capture of the
time stamp is always enabled. Reenable the capture if
necessary.
4. The host provides a subsequent time stamp trigger on the
selected GPIO at an appropriate time.
5. The number of low frequency oscillator cycles that
occurred between time stamp triggers can now be read
from the TIMESTAMP_COUNT_x bit fields.
The host must continue to handle the FIFO and/or data register
data normally during time stamp processing.
If using a dedicated pin for a time stamp that does not have
transitions other than the time stamp, set the TIMESTAMP_
ALWAYS_EN bit to avoid automatic clearing of the CAPTURE_
TIMESTAMP bit. This setting removes the need to enable the
time stamp capture each time.
The time stamp can calibrate the low frequency oscillator as
described in the Low Frequency Oscillator Calibration section.
The host can also use TIMESTAMP_ SLOT_DELTA to determine
when the next time slot occurs. TIMESTAMP_SLOT_DELTA
can be used to determine the arrival time of the samples currently
in the FIFO. TIMESTAMP_SLOT_DELTA does not account for
the decimation factor.
The time stamp trigger is edge sensitive and can be set to either
trigger on the rising edge (default) or falling edge using
TIMESTAMP_INV.
LOW FREQUENCY OSCILLATOR CALIBRATION
The time stamp circuitry can be used to calibrate either the
32 kHz or 1 MHz low frequency oscillator circuit by adjusting
the frequency to match the timing of the time stamp triggers.
Simply compare the TIMESTAMP_COUNT_x value in low
frequency oscillator cycles to the actual time stamp trigger
period and adjust the OSC_32K_ADJUST or OSC_1M_FREQ_
ADJ value accordingly.
HIGH FREQUENCY OSCILLATOR CALIBRATION
The high frequency oscillator is calibrated by comparing
multiples of its cycles with multiple cycles of the low frequency
oscillator, which is calibrated to the system time. Calibration of
the low frequency oscillator precedes calibration of the high
frequency oscillator. The method for calibrating the high
frequency oscillator is as follows:
1. Write 1 to the OSC_32M_CAL_START bit.
2. The ADPD4000/ADPD4001 automatically power up the
high frequency oscillator.
3. The device automatically waits for the high frequency
oscillator to be stable.
4. An internal counter automatically counts the number of
32 MHz high frequency oscillations that occur during
128 cycles of the 1 MHz low frequency oscillator or
32 cycles of the 32 kHz low frequency oscillator, depending
on which low frequency oscillator is enabled based on the
setting of LFOSC_SEL.
5. The OSC_32M_CAL_COUNT bit field is updated with the
final count.
6. The 32 MHz oscillator automatically powers down
following calibration unless time slots are active.
7. The device resets the OSC_32M_CAL_START bit
indicating the count has been updated.
The OSC32M_FREQ_ADJ bit field adjusts the frequency of the
32 MHz oscillator to the desired frequency. When using an external
low frequency oscillator, the 32 MHz oscillator calibration is per-
formed with respect to the externally provided low frequency
oscillator.
TIME SLOT OPERATION
Operation of the ADPD4000/ADPD4001 is controlled by an
internal configurable controller that generates all the timing
needed to generate sampling regions and sleep periods.
Measurements of multiple sensors and control of synchronous
stimulus sources is handled by multiple time slots. The device
provides up to 12 time slots for multisensor applications. The
enabled time slots are repeated at the sampling rate, which is
configured by the 23-bit TIMESLOT_PERIOD_x bit field in the
TS_FREQ register. The sampling rate is determined by the
following formula:
Sampling Rate = Low Frequency Oscillator Frequency (Hz) ÷
TIMESLOT_PERIOD_x
Each time slot allows the creation of one or more LED and/or
modulation pulses, and the acquisition of the photodiode or
other sensor current based on that stimulus. The operating
parameters for each time slot is highly configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com