Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 3 Page - Analog Devices

  ADPD4000 Datasheet HTML 1Page - Analog Devices ADPD4000 Datasheet HTML 2Page - Analog Devices ADPD4000 Datasheet HTML 3Page - Analog Devices ADPD4000 Datasheet HTML 4Page - Analog Devices ADPD4000 Datasheet HTML 5Page - Analog Devices ADPD4000 Datasheet HTML 6Page - Analog Devices ADPD4000 Datasheet HTML 7Page - Analog Devices ADPD4000 Datasheet HTML 8Page - Analog Devices ADPD4000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
Data Sheet
ADPD4000/ADPD4001
Rev. A | Page 3 of 82
SPECIFICATIONS
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Operating Conditions
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGES
Supply Voltage, VDD
Applied at the AVDD, DVDD1, and DVDD2 pins
1.7
1.8
1.9
V
Input/Output Driver Supply Voltage, IOVDD
Applied at the IOVDD pin
1.7
1.8
3.6
V
AVDD = DVDD = IOVDD = 1.8 V, TA = 25°C, unless otherwise noted.
Table 2. Current Consumption
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY (VDD) CURRENT
VDD Supply Current1
Signal-to-noise ratio (SNR) = 75 dB, 25 Hz output data rate
(ODR), single time slot
10
µA
Total System Power
Dissipation
Combined LED and AFE power, continuous
photoplethysmography (PPG) measurement at 75 dB SNR,
25 Hz ODR, 100 nA/mA current transfer ratio (CTR)
50
μW
Peak VDD Supply Current (1.8 V)
1-Channel Operation
IVDD_PEAK
Peak VDD current during time slot sampling
4.0
mA
Standby Mode Current
IVDD_STANDBY
0.25
µA
LED VOLTAGE (VLED) SUPPLY
CURRENT2
Average Supply Current
VLEDA or VLEDB
Peak LED current = 25 mA, LED pulse width = 3 µs
Per Pulse
25 Hz data rate
1.875
µA
100 Hz data rate
7.5
µA
1
VDD is the voltage applied at the AVDD and DVDD pins.
2
VLED applies to the external LED supply voltage for any given LED being driven by the ADPD4000/ADP4001 LED drivers under the listed conditions.
PERFORMANCE SPECIFICATIONS
AVDD = DVDD = IOVDD = 1.8 V, TA = full operating temperature range, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA ACQUISITION
Datapath Width
32
Bits
FIFO SIZE
256
Bytes
LED DRIVER
LED Peak Current per Driver
LED pulse enabled
2
200
mA
LED Peak Current, Total
Using multiple LED drivers simultaneously
400
mA
Driver Compliance Voltage
For any LED driver output at ILED = 40 mA
200
mV
LED PERIOD
AFE width = 4 µs1
10
µs
AFE width = 3 µs
8
µs
SAMPLING RATE2
Single time slot, four data bytes to FIFO, 2 µs LED pulse
0.004
9000
Hz
OSCILLATOR DRIFT
32 kHz Oscillator
Percent variation from 25°C to 85°C
6
%
Percent variation from +25°C to −40°C
−10
%
1 MHz Oscillator
Percent variation from 25°C to 85°C
2
%
Percent variation from +25°C to −40°C
−2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com