Electronic Components Datasheet Search
  English  ▼

X  

ADPD4000 Datasheet(PDF) 82 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 74Page - Analog Devices ADPD4000 Datasheet HTML 75Page - Analog Devices ADPD4000 Datasheet HTML 76Page - Analog Devices ADPD4000 Datasheet HTML 77Page - Analog Devices ADPD4000 Datasheet HTML 78Page - Analog Devices ADPD4000 Datasheet HTML 79Page - Analog Devices ADPD4000 Datasheet HTML 80Page - Analog Devices ADPD4000 Datasheet HTML 81Page - Analog Devices ADPD4000 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 82 of 82
OUTLINE DIMENSIONS
2.180
2.140
2.100
3.150
3.110
3.070
A
B
C
D
E
F
G
1
2
3
4
5
0.300
0.260
0.220
0.560
0.500
0.440
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.05
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
SEATING
PLANE
2.40
REF
1.60
REF
0.225
BSC
0.40
BSC
0.225
BSC
0.315
BSC
0.485
BSC
BALL A1
IDENTIFIER
Figure 46. 35-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-35-2)
Dimensions shown in millimeters
2.180
2.140
2.100
3.150
3.110
3.070
A
B
C
D
E
F
G
1
2
3
4
5
0.300
0.260
0.220
0.560
0.500
0.440
0.230
0.200
0.170
0.330
0.300
0.270
BALL A1
IDENTIFIER
COPLANARITY
0.05
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
SEATING
PLANE
2.40
REF
1.60
REF
0.225
BSC
0.40
BSC
0.225
BSC
0.315
BSC
0.485
BSC
Figure 47. 33-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-33-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADPD4000BCBZR7
−40°C to +85°C
35-Ball Wafer Level Chip Scale Package [WLCSP]
CB-35-2
ADPD4001BCBZR7
−40°C to +85°C
33-Ball Wafer Level Chip Scale Package [WLCSP]
CB-33-1
EVAL-ADPD4000Z-PPG
Evaluation Board
1
Z = RoHS Compliant Part.
2
EVAL-ADPDUCZ is the microcontroller board, ordered separately, which is required to interface with the EVAL-ADPD4000Z-PPG evaluation board.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17335-0-6/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com