Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 4 Page - Analog Devices

  ADF7030 Datasheet HTML 1Page - Analog Devices ADF7030 Datasheet HTML 2Page - Analog Devices ADF7030 Datasheet HTML 3Page - Analog Devices ADF7030 Datasheet HTML 4Page - Analog Devices ADF7030 Datasheet HTML 5Page - Analog Devices ADF7030 Datasheet HTML 6Page - Analog Devices ADF7030 Datasheet HTML 7Page - Analog Devices ADF7030 Datasheet HTML 8Page - Analog Devices ADF7030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF7030
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PA2
Transmit Power
Maximum
The maximum output power level achievable on PA2
depends on the programmable PA LDO setting
2.8 V ≤ VDD≤ 3.6 V
17
dBm
2.2 V ≤ VDD≤ 3.6 V
13
dBm
Minimum
−20
dBm
Step Resolution
0.1
dB
Transmit Power Variation vs.
Temperature
±0.1
dB
From −40°C to +85°C, transmit power = 17 dBm
Transmit Power Variation vs. VDD
±0.1
dB
From VDD = 3.0 V to VDD = 3.6 V, transmit power = 17 dBm
Transmit Power Accuracy
±0.25
dB
Transmit power = 17 dBm
ADJACENT CHANNEL POWER (ACP)
Measured according to ETSI EN 300 220-1 V2.4.1;
12.5 kHz channel spacing; spectrum analyzer settings:
measurement bandwidth (BW) = 8.5 kHz, resolution band-
width (RBW) = 100 Hz, video bandwidth (VBW) = 300 Hz
2.4 kbps
2GFSK, frequency deviation = 2.4 kHz, PA1, output
power = 13 dBm
Adjacent Channel
−81
dBc
Alternate Channel
−81
dBc
4.8 kbps
2GFSK, frequency deviation = 2.4 kHz, PA2, output
power = 17 dBm
Adjacent Channel
−59
dBc
Alternate Channel
−77
dBc
6.4 kbps
4GFSK, frequency deviation = 3.2 kHz, PA1, output
power = 13 dBm
Adjacent Channel
−68
dBc
Alternate Channel
−79
dBc
OCCUPIED BANDWIDTH
Occupied bandwidth is the bandwidth containing 99% of
the total integrated power; spectrum analyzer settings:
measurement BW = 8.5 kHz, RBW = 100 Hz, VBW = 300 Hz
2.4 kbps
6.3
kHz
2GFSK, frequency deviation = 2.4 kHz, PA1, output
power = 13 dBm
4.8 kbps
7.8
kHz
2GFSK, frequency deviation = 2.4 kHz, PA2, output
power = 17 dBm
6.4 kbps
8.1
kHz
4GFSK, frequency deviation = 3.2 kHz, PA1, output
power = 13 dBm
MAXIMUM SPURIOUS EMISSIONS
(EXCLUDING HARMONICS)
Measured according to ETSI EN 300 220-1 V2.4.1 on the
ADF7030 evaluation board; transmitting continuous
PN9 data on PA1 at 13 dBm
47 MHz to 74 MHz
−84
dBc
74 MHz to 87.5 MHz
<−87
dBc
87.5 MHz to 118 MHz
−87
dBc
118 MHz to 168.5 MHz
−79
dBc
168.5 MHz to 170.5 MHz
−69
dBc
Excluding frequency range fCHANNEL ± 31.25 kHz
170.5 MHz to 174 MHz
−80
dBc
174 MHz to 230 MHz
−84
dBc
230 MHz to 470 MHz
−82
dBc
470 MHz to 862 MHz
−84
dBc
862 MHz to 1 GHz
<−87
dBc
1 GHz to 4 GHz
<−87
dBc
Rev. 0 | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com