Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 7Page - Analog Devices ADF7030 Datasheet HTML 8Page - Analog Devices ADF7030 Datasheet HTML 9Page - Analog Devices ADF7030 Datasheet HTML 10Page - Analog Devices ADF7030 Datasheet HTML 11Page - Analog Devices ADF7030 Datasheet HTML 12Page - Analog Devices ADF7030 Datasheet HTML 13Page - Analog Devices ADF7030 Datasheet HTML 14Page - Analog Devices ADF7030 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADF7030
Pin No.
Mnemonic
Description
29
GPIO6
Digital GPIO Pin 6
30
DNC
Do Not Connect. Do not connect to this pin.
31
DNC
Do Not Connect. Do not connect to this pin.
32
GPIO7
Digital GPIO Pin 7.
33
DNC
Do Not Connect. Do not connect to this pin.
34
CREG5
Regulator Output 5. Place a 220 nF capacitor between this pin and ground for regulator stability and noise rejection.
35
HFXTALP
Do Not Connect. Do not connect to this pin.
36
HFXTALN
Reference Input. Connect this pin to an external 26 MHz reference (typically a TCXO).
37
CREG6
Regulator Output 6. Place a 220 nF capacitor between this pin and ground for regulator stability and noise rejection.
38
CREG7
Regulator Output 7. Place a 220 nF capacitor between this pin and ground for regulator stability and noise rejection.
39
CLF
External Loop Filter Capacitor to CREG1. Place a 1.2 nF capacitor between this pin and the CREG1 pin.
40
VBAT6
Power Supply Pin 6 to the Internal Regulators.
EPAD
Exposed Pad. Connect the exposed pad to ground.
Rev. 0 | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com