Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 13Page - Analog Devices ADF7030 Datasheet HTML 14Page - Analog Devices ADF7030 Datasheet HTML 15Page - Analog Devices ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices ADF7030 Datasheet HTML 18Page - Analog Devices ADF7030 Datasheet HTML 19Page - Analog Devices ADF7030 Datasheet HTML 20Page - Analog Devices ADF7030 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADF7030
PA_FINE SETTING
–30
–25
–20
–15
–10
–5
0
5
10
15
20
2
12
22
32
42
52
62
72
82
92
102 112 122
PA_COARSE = 2
PA_COARSE = 3
PA_COARSE = 4
PA_COARSE = 5
PA_COARSE = 6
PA_COARSE = 7
PA_COARSE = 8
PA_COARSE = 9
PA_COARSE = 10
Figure 32. PA2 Output Power vs. PA_FINE Setting and PA_COARSE Setting,
VDD = 3.0 V, TA = 25°C
PA_FINE SETTING
–30
–25
–20
–15
–10
–5
0
5
10
15
20
2
20
200
PA_COARSE = 2
PA_COARSE = 3
PA_COARSE = 4
PA_COARSE = 5
PA_COARSE = 6
PA_COARSE = 7
PA_COARSE = 8
PA_COARSE = 9
PA_COARSE = 10
Figure 33. PA2 Output Power vs. PA_FINE Setting and PA_COARSE Setting
with PA_FINE on a Logarithmic Scale, VDD = 3.0 V, TA = 25°C
PA_MICRO SETTING
16.0
16.5
17.0
17.5
18.0
18.5
19.0
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Figure 34. Microadjustment of the PA2 Output Power Using a PA_MICRO
Setting Around 17 dBm, PA_COARSE = 10, PA_FINE= 100, VDD = 3.0 V, TA = 25°C
PA_MICRO SETTING
1
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
–16.5
–16.0
–15.5
–15.0
–14.5
–14.0
–13.5
–13.0
Figure 35. Microadjustment of the PA2 Output Power Using a PA_MICRO
Setting Around −15 dBm, PA_COARSE = 10, PA_FINE = 2, VDD = 3.0 V, TA = 25°C
Rev. 0 | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com