Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 3 Page - Analog Devices

  ADF7030 Datasheet HTML 1Page - Analog Devices ADF7030 Datasheet HTML 2Page - Analog Devices ADF7030 Datasheet HTML 3Page - Analog Devices ADF7030 Datasheet HTML 4Page - Analog Devices ADF7030 Datasheet HTML 5Page - Analog Devices ADF7030 Datasheet HTML 6Page - Analog Devices ADF7030 Datasheet HTML 7Page - Analog Devices ADF7030 Datasheet HTML 8Page - Analog Devices ADF7030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF7030
SPECIFICATIONS
VDD = VBAT1 = VBAT2 = VBAT3 = VBAT4 = VBAT5 = VBAT6 = 2.2 V to 3.6 V, exposed pad (EPAD) = 0 V (ground), TA = TMIN to TMAX,
unless otherwise noted. Typical specifications are at VDD = 3 V, TA = 25°C, unless otherwise noted. All VBATx pins must be tied together.
GENERAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE RANGE, TA
−40
+85
°C
VOLTAGE SUPPLY
All VBATx pins must be tied together
Maximum Output Power
13 dBm
2.2
3.6
V
17 dBm
2.8
3.6
V
RF FREQUENCY
Frequency Range
169.4
169.6
MHz
Channel Frequency Resolution
1
Hz
REFERENCE INPUT
DC-coupled external TCXO into
HFXTALN pin, clipped sine wave
Frequency
26
MHz
Peak-to-Peak Voltage Level
0.8
1.8
V
Voltage Level with Respect to Ground
−0.1
+1.9
V
Duty Cycle
40
60
%
DATA RATE
2GFSK
2.4
kbps
2GFSK
4.8
kbps
4GFSK
6.4
kbps
Tx only
FREQUENCY DEVIATION
2GFSK
2.4
kHz
4GFSK
3.2
kHz
Tx only
GAUSSIAN FILTER BANDWIDTH TIME (BT) PRODUCT
0.5
TRANSMITTER SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER AMPLIFIERS (PAs)
PA1
Transmit Power
Maximum
13
dBm
Minimum
−20
dBm
Transmit Power Step Resolution
0.1
dB
Transmit Power Variation vs.
Temperature
From −40°C to +85°C
13 dBm
±0.15
dB
−10 dBm
±0.3
dB
Transmit Power Variation vs. VDD
From VDD = 2.2 V to VDD = 3.6 V
13 dBm
±0.1
dB
−10 dBm
±0.1
dB
Transmit Power Accuracy
13 dBm
±0.3
dB
−10 dBm
±0.9
dB
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com