Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices ADF7030 Datasheet HTML 18Page - Analog Devices ADF7030 Datasheet HTML 19Page - Analog Devices ADF7030 Datasheet HTML 20Page - Analog Devices ADF7030 Datasheet HTML 21Page - Analog Devices ADF7030 Datasheet HTML 22Page - Analog Devices ADF7030 Datasheet HTML 23Page - Analog Devices ADF7030 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADF7030
Data Sheet
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Typical application circuits for the ADF7030 are shown in
Figure 39 and Figure 40. All external components required for
operation of the device are shown. The bottom of the LFCSP
package has an exposed pad that must be soldered to ground on
the printed circuit board (PCB).
VBAT1
CREG1
VBAT2
CREG2
LNAIN1
LNAIN2
DNC
CREG3
DNC
VBAT4
VBAT5
MOSI
MISO
SCLK
INT2
MOSI
MISO
SCLK
GPIO
HOST
MICROPROCESSOR
GPIO6
DNC
INT1
GPIO4
ADF7030
1
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
8
9
10
30
29
28
27
26
25
24
23
21
7
VDD
VDD
VDD
VDD
VDD
220nF
100kΩ
100kΩ
100kΩ
100kΩ
100pF
100nF
100pF
100nF
220nF
220nF
220nF
100nF
100pF
1.2nF
TCXO
26MHz
100pF
100nF
100pF
HARMONIC
FILTER
PA1 MATCH
Rx MATCH
PA2 MATCH
HARMONIC
FILTER
VDD
100pF
100nF
GPIO5 22
RST
CS
CS
Figure 39. Application Circuit with Both PAs and LNA Matched, Without External PA or Tx/Rx Switch
Rev. 0 | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com