Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 10Page - Analog Devices ADF7030 Datasheet HTML 11Page - Analog Devices ADF7030 Datasheet HTML 12Page - Analog Devices ADF7030 Datasheet HTML 13Page - Analog Devices ADF7030 Datasheet HTML 14Page - Analog Devices ADF7030 Datasheet HTML 15Page - Analog Devices ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices ADF7030 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADF7030
Data Sheet
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
90
100
110
–28 –24 –20 –16 –12 –8
–4
0
4
8
12
16
20
24
28
Figure 17. Receiver Wideband Blocking, TA = 25°C, VDD = 3.6 V,
Data Rate = 2.4 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of PER = 5%, PER-Based Test
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
90
100
110
–28 –24 –20 –16 –12 –8
–4
0
4
8
12
16
20
24
28
Figure 18. Receiver Wideband Blocking, TA = 25°C, VDD = 3.0 V,
Data Rate = 4.8 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of PER = 5%, PER-Based Test
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
90
100
110
–60 –50 –40 –30 –20 –10
0
10
20
30
40
50
60
–40°C, 3.6V
–40°C, 2.2V
+25°C, 3.6V
+25°C, 2.2V
+85°C, 3.6V
+85°C, 2.2V
Figure 19. Receiver Wideband Blocking vs. Temperature and VDD,
Data Rate = 2.4 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of BER = 0.1%, BER-Based Test
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
90
100
110
–60 –50 –40 –30 –20 –10
0
10
20
30
40
50
60
–40°C, 2.2V
–40°C, 3.6V
+25°C, 2.2V
+25°C, 3.6V
+85°C, 2.2V
+85°C, 3.6V
Figure 20. Receiver Wideband Blocking vs. Temperature and VDD,
Data Rate = 4.8 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of BER = 0.1%, BER-Based Test
RF INPUT POWER (dBm)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–120 –110 –100 –90
–80
–70
–60
–50
–40
–30
–20
–10
ERROR (dB)
STANDARD DEVIATION (dB)
Figure 21. RSSI Error vs. RF Input Power with One-Point Calibration at −70
dBm, VDD = 2.2 V, TA = 25°C (Error is Based on the Mean of
20 RSSI Measurements)
Rev. 0 | Page 14 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com