Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 3Page - Analog Devices ADF7030 Datasheet HTML 4Page - Analog Devices ADF7030 Datasheet HTML 5Page - Analog Devices ADF7030 Datasheet HTML 6Page - Analog Devices ADF7030 Datasheet HTML 7Page - Analog Devices ADF7030 Datasheet HTML 8Page - Analog Devices ADF7030 Datasheet HTML 9Page - Analog Devices ADF7030 Datasheet HTML 10Page - Analog Devices ADF7030 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF7030
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RSSI
Resolution
0.25
dB
Absolute Accuracy
±2
dB
RSSI range = −110 dBm to −12 dBm with one point
calibration at −70 dBm and result averaged over 20 RSSI
measurements
MAXIMUM RF INPUT LEVEL
10
dBm
DIFFERNTIAL LNA INPUT IMPEDANCE
78 + j17.7
Ω
Rx SPURIOUS EMISSIONS
Measured conductively at antenna input, according to ETSI
EN 300 220-1 V2.4.1 on the ADF7030 evaluation board
<1 GHz
<−63
dBm
1 GHz to 4 GHz
−50
dBm
CURRENT CONSUMPTION SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TRANSMIT CURRENT CONSUMPTION
In the PHY_TX state
10 dBm
35.5
mA
PA1
13 dBm
44
mA
PA1
17 dBm
61
mA
PA2
RECEIVE CURRENT CONSUMPTION
26
mA
In the PHY_RX state, waiting for preamble
LOW POWER MODE
Deep Sleep
1
nA
No memory retained
DIGITAL INPUT/OUTPUT SPECIFICATIONS
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input Voltage
High
VINH
0.7 × VDD
V
Low
VINL
0.2 × VDD
V
Input Capacitance
CIN
3.6
pF
LOGIC OUTPUTS
Output Voltage
High
VOH
VDD − 0.4
V
IOH = 500 µA
Low
VOL
0.4
V
IOL = 500 µA
Rev. 0 | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com