Electronic Components Datasheet Search
  English  ▼

X  

ADF7030 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 12Page - Analog Devices ADF7030 Datasheet HTML 13Page - Analog Devices ADF7030 Datasheet HTML 14Page - Analog Devices ADF7030 Datasheet HTML 15Page - Analog Devices ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices ADF7030 Datasheet HTML 18Page - Analog Devices ADF7030 Datasheet HTML 19Page - Analog Devices ADF7030 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADF7030
Data Sheet
PA_MICRO SETTING
12.0
12.5
13.0
13.5
14.0
14.5
15.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Figure 26. Microadjustment of the PA1 Output Power Using a PA_MICRO
Setting Around 13 dBm with PA_COARSE = 6 and PA_FINE = 100, VDD = 3.0 V,
TA = 25°C
PA_MICRO SETTING
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–17.5
Figure 27. Microadjustment of the PA1 Output Power Using a PA_MICRO
Setting Around −20 dBm with PA_COARSE = 6 and PA_FINE = 2,
VDD = 3.0 V, TA = 25°C
TEMPERATURE (°C)
12.6
12.7
12.8
12.9
13.0
13.1
13.2
13.3
13.4
–45
25
95
Figure 28. PA1 Output Power vs. Temperature, PA_COARSE = 6, PA_FINE= 97,
PA_MICRO = 16, Maximum Recommended Temperature = 85°C, Minimum
Recommended Temperature = −40°C; −45°C and +95°C Operation Only
Shown for Robustness
SUPPLY VOLTAGE (V)
12.6
12.7
12.8
12.9
13.0
13.1
13.2
13.3
13.4
2.2
3.0
3.6
Figure 29. PA1 Output Power vs. Supply Voltage (VDD), PA_COARSE = 6,
PA_FINE = 97, PA_MICRO = 16, TA = 25°C
PA_FINE SETTING
–15
–10
–5
0
5
10
15
20
2
12
22
32
42
52
62
72
82
92
102 112 122
–45°C, 3.6V
–45°C, 3.0V
+25°C, 3.6V
+25°C, 3.0V
+95°C, 3.6V
+95°C, 3.0V
Figure 30. PA2 Output Power vs. PA_FINE Setting, Temperature, and VDD,
PA_COARSE = 6, Maximum Recommended Temperature = 85°C, Minimum
Recommended Temperature = −40°C; −45°C and +95°C Operation Only
Shown for Robustness
PA2 OUTPUT POWER (dBm)
–45°C, 3.6V
–45°C, 3.0V
+25°C, 3.6V
+25°C, 3.0V
+95°C, 3.6V
+95°C, 3.0V
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
–16
–12
–8
–4
0
4
8
12
16
20
Figure 31. VBATx Supply Current vs. PA2 Output Power, Temperature, and
VDD, PA_COARSE = 10, Maximum Recommended Temperature = 85°C,
Minimum Recommended Temperature = −40°C; −45°C and +95°C
Operation Only Shown for Robustness
Rev. 0 | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com