Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 27Page - Texas Instruments CC2652R Datasheet HTML 28Page - Texas Instruments CC2652R Datasheet HTML 29Page - Texas Instruments CC2652R Datasheet HTML 30Page - Texas Instruments CC2652R Datasheet HTML 31Page - Texas Instruments CC2652R Datasheet HTML 32Page - Texas Instruments CC2652R Datasheet HTML 33Page - Texas Instruments CC2652R Datasheet HTML 34Page - Texas Instruments CC2652R Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
7.16 Typical Characteristics
All measurements in this section are done with Tc = 25 °C and VDDS = 3.0 V, unless otherwise noted. See
Section 7.3 for device limits. Values exceeding these limits are for reference only.
7.16.1 MCU Current
Voltage [V]
Active Current vs. VDDS
Running CoreMark, SCLK_HF = 48 MHz RCOSC
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
6
D001
Figure 7-4. Active Mode (MCU) Current vs. Supply Voltage
(VDDS)
Temperature [°C]
Standby Current vs. Temperature
80 kB RAM Retention, no Cache Retention, RTC On
SCLK_LF = 32 kHz XOSC
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
D006
Figure 7-5. Standby Mode (MCU) Current vs. Temperature
7.16.2 RX Current
Temperature [°C]
RX Current vs. Temperature
Bluetooth Low Energy 1 Mbps, 2.44 GHz
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
6.5
6.6
6.7
6.8
6.9
7
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
D010
Figure 7-6. RX Current vs. Temperature (Bluetooth Low Energy
1 Mbps, 2.44 GHz)
Voltage [V]
RX Current vs. VDDS
Bluetooth Low Energy 1 Mbps, 2.44 GHz
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
D013
Figure 7-7. RX Current vs. Supply Voltage (VDDS) (Bluetooth
Low Energy 1 Mbps, 2.44 GHz)
www.ti.com
CC2652R7
SWRS253 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com